Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 38Page - Cirrus Logic CS4525_07 Datasheet HTML 39Page - Cirrus Logic CS4525_07 Datasheet HTML 40Page - Cirrus Logic CS4525_07 Datasheet HTML 41Page - Cirrus Logic CS4525_07 Datasheet HTML 42Page - Cirrus Logic CS4525_07 Datasheet HTML 43Page - Cirrus Logic CS4525_07 Datasheet HTML 44Page - Cirrus Logic CS4525_07 Datasheet HTML 45Page - Cirrus Logic CS4525_07 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
42
DS726PP1
CS4525
The sensitivity level of the high- and low-pass outputs of the crossovers can be independently adjusted
from 0 dB to -7.5 dB in 0.5 dB increments. The maximum attenuation level of -7.5 dB will compensate for
an approximate 4 dB difference in sound pressure level (SPL) between the tweeter and the mid-
range/woofer drivers. The sensitivity is adjusted using the HighPass[3:0] and LowPass[3:0] bits in the
Sensitivity register. Note that these bits affect the sensitivity of both channel A and channel B high- and
low-pass outputs.
The 2-way crossover can be enabled by setting the En2Way bit in the Volume Cfg register.
X-Over Freq 5
3.0 kHz
2.88 kHz
3.13 kHz
X-Over Freq 6
3.2 kHz
3.07 kHz
3.34 kHz
X-Over Freq 7
3.4 kHz
3.26 kHz
3.55 kHz
Referenced Control
Register Location
En2Way............................... “Enable 2-Way Crossover (En2Way)” on page 81
2WayFreq[2:0]..................... “2-Way Cross-Over Frequency (2WayFreq[2:0])” on page 81
HighPass[3:0]...................... “Channel A and Channel B High-Pass Sensitivity Adjust (HighPass[3:0])” on page 82
LowPass[3:0]....................... “Channel A and Channel B Low-Pass Sensitivity Adjust (LowPass[3:0])” on page 81
Input Sample Rate
32 kHz
44.1 kHz
48 kHz, 96 kHz
Table 5. 2-Way Cross-Over Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com