Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16501 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 15Page - Microchip Technology MCP16501 Datasheet HTML 16Page - Microchip Technology MCP16501 Datasheet HTML 17Page - Microchip Technology MCP16501 Datasheet HTML 18Page - Microchip Technology MCP16501 Datasheet HTML 19Page - Microchip Technology MCP16501 Datasheet HTML 20Page - Microchip Technology MCP16501 Datasheet HTML 21Page - Microchip Technology MCP16501 Datasheet HTML 22Page - Microchip Technology MCP16501 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 19
MCP16501
4.3.5
SELV2 AND SELV3 PINS
SELV2 and SELV3 pins are meant to program the
default settings of some rails that must be activated
during the power-up sequence, but whose voltage val-
ues are application-dependent. These are Buck2 and
Buck3, the first being dedicated to DDRx/LPDDRx
power, while the latter being dedicated to core power.
The default values are selectable among three options,
corresponding to three different states of the relevant
pin: connected to ground (Low), connected to input
supply (High) or left unconnected (High-Z).
The Buck2 default voltage can be selected by means of
the SELV2 pin as follows:
TABLE 4-3:
VOUT2 DEFAULT VOLTAGE
VS. SELV2 PIN
The Buck3 default voltage can be selected by means of
the SELV3 pin as follows:
TABLE 4-4:
VOUT3 DEFAULT VOLTAGE
VS. SELV3 PIN
The statuses of SELV2 and SELV3 are frozen in a snap-
shot as soon as the VIN voltage exceeds the turn-on
Undervoltage Lockout Threshold (UVLO) as specified in
the “Electrical Characteristics” table. Any changes of
the SELV2 and SELV3 pins will have no effect after the
snapshot, and VIN must fall under the turn-off (lower)
UVLO threshold to unfreeze the snapshot.
Both pins are intended to be connected to GND (0V),
to VIN or left floating in the application. When left float-
ing, internal circuitry is initially activated to bias SELV2
and SELV3 at start-up for proper three-state (floating
state) detection.
For “Electrical Characteristics” table specification
purposes, the High State Threshold Voltage (VIHT)
and Low State Threshold Voltage (VILT) of SELV2 and
SELV3 pins are given. They have both a minimum and
a maximum value specification.
At the time the snapshot is taken, it is recommended
that those Min. and Max. values be used and
interpreted as follows:
•If VIHT(MAX) < V(SELVx) ≤ V(VIN)  SELVx is
considered HIGH
•If 0V ≤ V(SELVx) < VILT(MIN)  SELVx is
considered LOW
•If VILT(MAX) < V(SELVx) < VIHT(MIN)  SELVx is
considered floating
If VIHT(MIN) ≤ V(SELVx) ≤ VIHT(MAX) or VILT(MIN) ≤
V(SELVx) ≤ VILT(MAX), then the logic status of SELVx
may not be interpreted correctly. Therefore, if the end
user chooses a connection different than the recom-
mended connection to GND, VIN or no connection, then
any usage of the SELVx pins within those boundaries
must be avoided. This is also illustrated in Figure 4-3.
FIGURE 4-3:
SELVx High, Low and Float
States Threshold.
4.3.6
nRSTO (RESET OUTPUT) PIN
The nRSTO pin is an active-low, open-drain output pin
that keeps the MPU in a Reset state. The nRSTO pin is
released (i.e., goes High-Z) with a 16ms delay upon
successful completion of a start-up sequence. nRSTO
is immediately asserted low when either the VIN
voltage falls below the UVLO threshold, or a Fault
condition is detected at system level (such as a
Thermal Shutdown) or an overcurrent condition is
detected on the Buck channels. See Section 5.5
“Protections” for more details on the Faults that would
cause the nRSTO signal low assertion. nRSTO also
goes low when the Hibernate mode is entered.
SELV2 Status
VOUT2 Voltage
DDR Type
Low
1.2V
LPDDR2,
LPDDR3
High-Z
1.35V
DDR3L
High
1.8V
DDR2
SELV3 Status
VOUT3 Voltage
eMPU Type
Low
1V
SAM9-5
High-Z
1.15V
SAM9-6,
SAM9-7 and
SAMA7G
High
1.25V
SAMA5D2x
Note:
SELV2 and SELV3 are always hardwired in
the final application and they cannot be
changed on-the-fly during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com