Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16501 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 20Page - Microchip Technology MCP16501 Datasheet HTML 21Page - Microchip Technology MCP16501 Datasheet HTML 22Page - Microchip Technology MCP16501 Datasheet HTML 23Page - Microchip Technology MCP16501 Datasheet HTML 24Page - Microchip Technology MCP16501 Datasheet HTML 25Page - Microchip Technology MCP16501 Datasheet HTML 26Page - Microchip Technology MCP16501 Datasheet HTML 27Page - Microchip Technology MCP16501 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MCP16501
DS20006388E-page 24
 2020-2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-8:
Entering Hibernate Mode
Timing Diagram.
From the Hibernate state, the system can:
1.
Move to OFF state (if LPM also goes low, the
VOUT2 can be immediately turned off); or
2.
Initiate another start-up sequence (with the
exception of Buck2 which is already active) by a
low-to-high transition of PWRHLD.
The timing diagram of a start-up sequence from Hibernate
mode is shown in Figure 4-9. After the assertion of
PWRHLD, the MPU may deassert LPM at any time. Due
to internal filtering, simultaneous transition of LPM and
PWRHLD is allowed (hold time t5 can be 0 µs).
Depending on the time at which LPM is deasserted, the
MCP16501 may transition through the Low-Power
state or not.
FIGURE 4-9:
Start-Up Sequence Exiting
Hibernate Mode Timing Diagram.
Where:
t5 = Setup time, LPM = 1 to PWRHLD = 0:
Min. 0 µs (internal filtering applies)
t6 = Delay from PWRHLD deasserted to
nRSTO asserted: Min. 0 µs,
max. 10 µs (not a strict requirement)
t7 = Delay from nRSTO asserted to first
VOUTX turn-off: Min. 0 µs, max. 10 µs
(not a strict requirement)
Note:
Upon exit of Hibernate mode, Buck2 is not
part of the sequence because it is already
turned on (being in Auto-PFM mode).
However, also depending on the instant at
which the MPU deasserts LPM, it can tog-
gle to FPWM mode at the time nRSTO is
deasserted.
Where:
t1 = Delay from PWRHLD asserted to first
supply VOUT1 starting (default 0.5 ms)
t3 =Time from VOUT1 established to VOUT3
starting (default 4 ms)
t4 =Time from VOUT3, established to
nRSTO deassertion (default 16 ms)
t5 = Minimum hold time, PWRHLD = 1 to
LPM = 0: Min. 0 µs (internal filtering
applies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com