Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16501 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 12Page - Microchip Technology MCP16501 Datasheet HTML 13Page - Microchip Technology MCP16501 Datasheet HTML 14Page - Microchip Technology MCP16501 Datasheet HTML 15Page - Microchip Technology MCP16501 Datasheet HTML 16Page - Microchip Technology MCP16501 Datasheet HTML 17Page - Microchip Technology MCP16501 Datasheet HTML 18Page - Microchip Technology MCP16501 Datasheet HTML 19Page - Microchip Technology MCP16501 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP16501
DS20006388E-page 16
 2020-2022 Microchip Technology Inc. and its subsidiaries
4.3.2
nSTRT, nSTRTO, PWRHLD
FUNCTIONALITY
The nSTRT (push button input) serves as an external
wake-up input to the PMIC+MPU system. nSTRT is
internally pulled up to VIN and monitored. When the
nSTRT is pulled/detected as low (e.g., by means of a
push button or any other pull-down device) for longer
than a minimum debouncing time, the MCP16501
initiates the turn-on sequence.
The nSTRTO signal is asserted low whenever the
nSTRT is detected to be low; otherwise, it is High-Z
(typically, nSTRTO has an external pull-up resistor).
The only exception to this input (nSTRT)/output
(nSTRTO) relationship is the so called Automatic
Wake-up Pulse (AWKP) that is described in
Section 4.4.6 “Restart Sequence After Fault and
Automatic
Wake-up
Pulse
(AWKP)
Genera-
tion-MCP16501D only”(applicable to MCP16501D
only).
After the start-up sequence has been initiated, the
MCP16501 expects the assertion of the PWRHLD
signal (Power-Hold) from the MPU to validate the
start-up. PWRHLD could already be high in a typical
application using a backup supply. If PWRHLD has not
been asserted high by the MPU before the completion
of the start-up sequence (i.e., when nRSTO is about to
be asserted high), the MCP16501 will automatically
initiate a turn-off sequence.
During run time (PWRHLD = High), the nSTRT (thus
nSTRTO) can again be asserted low. No automatic
action is taken by the MCP16501 in this case.
4.3.3
nSTRT/PWRHLD TYPICAL USE
CASES
Depending on the presence of a backup supply and the
availability of an external wake-up signal connected at
nSTRT (push button input), four different scenarios can
be defined for the turn-on of the MCP16501 as
described in Figure 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com