Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16501 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 33Page - Microchip Technology MCP16501 Datasheet HTML 34Page - Microchip Technology MCP16501 Datasheet HTML 35Page - Microchip Technology MCP16501 Datasheet HTML 36Page - Microchip Technology MCP16501 Datasheet HTML 37Page - Microchip Technology MCP16501 Datasheet HTML 38Page - Microchip Technology MCP16501 Datasheet HTML 39Page - Microchip Technology MCP16501 Datasheet HTML 40Page - Microchip Technology MCP16501 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 37
MCP16501
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
2.80
2.80
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.00
Contact Pad Length (X24)
Contact Pad Width (X24)
Y1
X1
0.80
0.30
NOM
C1
Contact Pad Spacing
4.00
Contact Pad to Contact Pad (X20)
G2
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad (X24)
G1
0.20
C1
C2
EV
EV
E
X1
G2
Y1
G1
ØV
SILK SCREEN
X2
Y2
Microchip Technology Drawing C04-23387 Rev A
24-Lead Very Thin Plastic Quad Flat, No Lead Package (RMB) - 4x4 mm Body [VQFN]
Atmel Legacy Global Package Code ZZP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com