Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16501 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 22Page - Microchip Technology MCP16501 Datasheet HTML 23Page - Microchip Technology MCP16501 Datasheet HTML 24Page - Microchip Technology MCP16501 Datasheet HTML 25Page - Microchip Technology MCP16501 Datasheet HTML 26Page - Microchip Technology MCP16501 Datasheet HTML 27Page - Microchip Technology MCP16501 Datasheet HTML 28Page - Microchip Technology MCP16501 Datasheet HTML 29Page - Microchip Technology MCP16501 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
MCP16501
DS20006388E-page 26
 2020-2022 Microchip Technology Inc. and its subsidiaries
4.5
Configuration Options
The device variants highlighted in Section 4.0
“Device Options” are generated at the factory with
One-Time-Programmable memory which configures
default settings at power-up.
To accommodate future possible MPUs or application
architectures, the following configurations as shown in
Table 4-5 can be taken into account to define other
device options.
Note:
[1,2,3] – refers to each individual Buck channel setting.
Note:
Contact your nearest Microchip Sales
Office for further assistance on the
development
of
customized
device
variants.
TABLE 4-5:
DEVICE CONFIGURATION
Setting
Description
RSTDLY
nRSTO assertion delay (t4 in the start-up sequence); options are: 1 ms, 2 ms, 4 ms, 8 ms, 16 ms,
32 ms, 64 ms and 128 ms; default is 16 ms.
AWKPDIS
Enables or disables the automatic wake-up pulse; default is enabled.
VOUT[1,2,3]
Buck output voltage, Buck1 output range is between 1.2V and 3.7V with a 50 mV resolution, while
Buck2 and Buck3 have an output range between 0.6V and 1.85V with a 25mV resolution.
EN[1,2,3]
Enables or disables each Buck converters for all individual power state.
MODE[1,2,3]
FPWM or Auto PFM for each Buck converters for all individual power state.
SSR[1,2,3]
Soft Start rate for Buck converters; options are: 3.125 V/ms, 1.563 V/ms, 1.042 V/ms and
0.781 V/ms; default is 3.125 V/ms.
SEQ[1,2,3]
Start-up sequence step for each Buck converter.
DELAY[1,2,3]
Time delay from the completion of the previous Start-Up Sequence Step or Start-Up Event to the
turn-on (beginning of Soft Start); options are:0 ms, 0.5 ms, 1 ms, 2 ms, 4 ms, 8 ms, 12 ms, 16 ms.
B1HCEN
Enables or disables the Hysteretic Control Mode for Buck1 in AutoPFM operation; only enabled for
MCP16501E.
HCPEN[1,2,3]
Enables or disables the Hiccup short-circuit protection for each Buck converter; default is enabled
with the exception of MCP16501D. When disabled, a short circuit will cause the immediate turn-off
of all channels followed by a 100 ms wait time and an automatic restart sequence.
DISCH[1,2,3]
Enables or disables the active output discharge when the channel is turned off; default is enabled.
PHASE[1,2,3]
Enables operation 180° out of phase with the oscillator for each Buck.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com