Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16501 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 8Page - Microchip Technology MCP16501 Datasheet HTML 9Page - Microchip Technology MCP16501 Datasheet HTML 10Page - Microchip Technology MCP16501 Datasheet HTML 11Page - Microchip Technology MCP16501 Datasheet HTML 12Page - Microchip Technology MCP16501 Datasheet HTML 13Page - Microchip Technology MCP16501 Datasheet HTML 14Page - Microchip Technology MCP16501 Datasheet HTML 15Page - Microchip Technology MCP16501 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
MCP16501
DS20006388E-page 12
 2020-2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise specified: VIN = VIN= PVINx = 5V; L1 = L2 = L3 = 2.2 µH; COUT1 = COUT2 = COUT3 = 22 µF, TA
= +25°C
FIGURE 2-13:
PWRHLD Start-Up
Sequence.
FIGURE 2-14:
PWRHLD Shutdown
Sequence.
FIGURE 2-15:
Entering Hibernate Mode.
FIGURE 2-16:
Buck3 Transient
Response (Active Mode, VOUT3 =1.25V).
FIGURE 2-17:
Output Short Circuit on
VOUT1.
FIGURE 2-18:
LDO Load Transient
Response.
LPM=’0’
PWRHLD
VOUT1
2V/div
VOUT2
2V/div
VOUT3
2V/div
nRSTO
5V/div
4 ms/div
LPM=’0’
PWRHLD
VOUT1
2V/div
VOUT2
2V/div
VOUT3
2V/div
nRSTO
5V/div
1 ms/div
LPM=’1’
PWRHLD
VOUT1
2V/div
VOUT2
2V/div
VOUT3
2V/div
nRSTO
5V/div
1 ms/div
IOUT3
500 mA/div
500 mA
2mA
VOUT3 (1.25V)
AC Coupled
20 mV/div
40
s/div
SHORT
CIRCUIT
VOUT1
2V/div
SW1
5V/div
nRSTO
5V/div
IOUT1
5A/div
4 ms/div
ILOUT
200 mA/div
270 mA
30 mA
VLOUT(1.8V)
AC Coupled
50 mV/div
10
s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com