| Electronic Components Datasheet Search |
|
CP2201 Datasheet(PDF) 30 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
CP2201 Datasheet(HTML) 30 Page - Silicon Laboratories |
|
30 / 108 page ![]() CP2200/1 30 Rev. 1.0 8. Interrupt Sources The CP2200/1 can alert the host processor when any of the 14 interrupt source events listed in Table 12 triggers an interrupt. The CP2200/1 alerts the host by setting the appropriate flags in the interrupt status registers and driving the INT pin low. The INT pin will remain asserted until all interrupt flags for enabled interrupts have been cleared by the host. Interrupt flags are cleared by reading the self-clearing interrupt status registers, INT0 and INT1. Interrupts can be disabled by clearing the corresponding bits in INT0EN and INT1EN. If the host processor does not utilize the INT pin, it can periodically read the interrupt status registers to determine if any interrupt-generating events have occurred. The INT0RD and INT1RD read-only registers provide a method of checking for interrupts without clearing the interrupt status registers. Table 12. Interrupt Source Events Event Description Pending Flag Enable Flag End of Packet The last byte of a packet has been read from the receive buffer using the AutoRead interface. INT0.7 INT0EN.7 Receive FIFO Empty The last packet in the receive buffer has been unloaded or discarded. INT0.6 INT0EN.6 Self Initialization Complete The device is ready for Reset Initialization. See “6.2. Reset Initialization” on page 18. INT0.5 INT0EN.5 Oscillator Initialization Complete The external oscillator has stabilized. INT0.4 INT0EN.4 Flash Write/Erase Complete A Flash write or erase operation has completed. INT0.3 INT0EN.3 Packet Transmitted The transmit interface has transmitted a packet. INT0.2 INT0EN.2 Receive FIFO Full The receive buffer is full or the maximum number of packets has been exceeded. Decode the RXFIFOSTA status register to determine the receive buffer status. INT0.1 INT0EN.1 Packet Received A packet has been added to the receive buffer. INT0.0 INT0EN.0 “Wake-on-LAN” Wakeup Event The device has been connected to a network. INT1.5 INT1EN.5 Link Status Changed The device has been connected or disconnected from the network. INT1.4 INT1EN.4 Jabber Detected The transmit interface has detected and responded to a jabber condition. See IEEE 802.3 for more information about jabber conditions. INT1.3 INT1EN.3 Auto-Negotiation Failed An auto-negotiation attempt has failed. Software should check for a valid link and re-try auto-negotiation. INT1.2 INT1EN.2 Reserved Auto-Negotiation Complete An auto-negotiation attempt has completed. This inter- rupt only indicates completion, and not success. Occa- sionally, Auto-Negotiation attempts will not complete and/or fail; therefore, a 3 to 4 second timeout should be implemented. A successful auto-negotiation attempt is one that completes without failure. INT1.0 INT1EN.0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |