| Electronic Components Datasheet Search |
|
HT46R652 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R652 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc |
|
20 / 47 page ![]() HT46R652 Rev. 1.00 20 December 19, 2006 To enable a counting operation, the Timer ON bit, T0ON or T1ON should be set to 1. In the pulse width measure- ment mode, the T0ON/T1ON is automatically cleared after the measurement cycle is completed. But in the other two modes, the T0ON/T1ON can only be reset by instructions. The overflow of the Timer/Event Counter 0/1 is one of the wake-up sources and can also be used to drive the PFD (Programmable Frequency Divider) output on pin PA3, a function which is selected by a configuration option. If PA3 is setup as a PFD output, there are two types of selections. One is to use PFD0 as the PFD output, the other is to use PFD1 as the PFD output. PFD0 and PFD1 are the timer overflow signals of the Timer/Event Counter 0 and Timer/Event Counter 1 respectively. No matter what the operation mode is, writinga0to ET0I or ET1I disables the related interrupt service. When the PFD function is selected, executing a ²SET [PA].3² instruction will enable the PFD output and executing a ²CLR [PA].3² instruction will disable the PFD output. In cases where the timer/event counter is turned off, writing data to the timer/event counter preload register will also reload the new data into the timer/event coun- ter. But if the timer/event counter is turned on, data writ- ten to the timer/event counter will only be stored in the timer/event counter preload register. The timer/event counter will continue with its normal operation until an overflow occurs. When the timer/event counter is read, the clock is blocked to avoid errors, which may result in a counting error and should therefore be taken into account by the programmer. It is strongly recommended to load a de- sired value into the timer registers first before turning on the related timer/event counter, for proper operation since the initial value of the timer registers is unknown. Due to the timer/event counter scheme, the program- mer should pay special attention with instructions to en- able then disable the timer for the first time, whenever there is a need to use the timer/event counter function, to avoid unpredictable results. After this procedure, the timer/event function can be operated normally. Bits 0~2 of TMR0C can be used to define the pre-scaling stages of the internal clock sources of the timer/event counter. The overflow signal of the timer/event counter can be used to generate the PFD signal. The timer prescaler is also used as the the PWM counter. Input/Output Ports There are 32 bidirectional input/output lines in the microcontroller, divided among several ports labeled as PA, PB, PC and PD. All of these I/O ports can be used for input and output operations. For input operation, these ports are non-latching, that is, the inputs must be ready at the T2 rising edge of instruction ²MOV A,[m]². For output operations, all the data is latched and re- mains unchanged until the output latch is rewritten. Each port has has its own Port Control Register, known as PAC, PBC, PCC and PDC to control the input/output con- figuration. With this control register, a CMOS output or Schmitt Trigger input with or without pull-high resistor structures can be reconfigured dynamically under soft- ware control. To function as an input, the corresponding bit of the control register must contain a ²1². The input source also depends on the control register. If the control register bit is ²1², the input will read the pad state. If the control reg- ister bit is ²0², the contents of the latches will move to the internal bus. The latter is possible in the ²read-mod - ify-write ² instruction. After a device reset, as the Port Control Registers will be set high, the input/output lines will be setup as inputs, and will be at a high level or in a floating state, depend- ing on the pull-high configuration options. Each bit of these input/output latches can be set or cleared by the ²SET [m].i² and ²CLR [m].i² instructions. Some instructions first input data and then follow the output operations. For example, ²SET [m].i², ²CLR [m].i ², ²CPL [m]², ²CPLA [m]² read the entire port states into the CPU, execute the defined operations (bit-opera- tion), and then write the results back to the latches or the accumulator. Each line of port A has the capability of waking-up the device. Each I/O port has pull-high options. Once the pull-high option is selected, the I/O port has a pull-high resistor. It should be noted that a non-pull-high I/O port operating in an input mode will be in a floating condition. Pin PA3 is pin-shared with the PFD signal. If the PFD configuration option is selected, the output signal for PA3, if it setup as an output, will be the PFD signal gen- erated by the timer/event counter overflow signal. If setup as an input the PA3 will always retain its input function. Once the PFD configuration option is selected, the PFD output signal can be controlled by the PA3 data register. Writing a ²1² to the PA3 data register will enable the PFD output function while writing a ²0² will force the PA3 pin to remain in a low condition. The I/O functions of the PA3 pin are shown in the table. I/O Mode I/P (Normal) O/P (Normal) I/P (PFD) O/P (PFD) PA3 Logical Input Logical Output Logical Input PFD (Timer on) Note: The PFD frequency is the timer/event counter overflow frequency divided by 2. Pins PA0, PA1, PA3, PA5, PA6, PA4 and PA7 are pin-shared with the BZ, BZ, PFD, INT0, INT1, TMR0 and TMR1 pins respectively. The PA0 and PA1 pins are pin-shared with the BZ and BZ signal, respectively. If the BZ/BZ option is selected, the output signal in the output mode of PA0/PA1 will be the buzzer signal, which is generated by the multi-func- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |