Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R652 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Application Circuits
The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For reference only)
Crystal or Resonator
C1, C2
R1
4MHz Crystal
25pF
12k
W
4MHz Resonator
10pF
18k
W
3.58MHz Crystal
25pF
12k
W
3.58MHz Resonator
10pF
15k
W
2MHz Crystal & Resonator
25pF
12k
W
1MHz Crystal
68pF
24k
W
480kHz Resonator
100pF
12k
W
455kHz Resonator
200pF
12k
W
429kHz Resonator
200pF
12k
W
400kHz Resonator
300pF
10k
W
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage condi-
tions occur. Such a low voltage, as mentioned here, is one which is less than the lowest value of the
MCU operating voltage. Note however that if the LVR is enabled then R1 can be removed.
Note:
The resistance and capacitance for reset circuit should be designed in such a way as to ensure that the VDD is
stable and remains within a valid operating voltage range before bringing RES to high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
²VMAX² connect to VDD or VLCD or V1 refer to the table.
LCD Type
R Type
C Type
LCD bias type
1/2 bias
1/3 bias
1/2 bias
1/3 bias
VMAX
If VDD>VLCD, then VMAX connect to VDD,
else VMAX connect to VLCD
If VDD >3/2VLCD, then VMAX connect to VDD,
else VMAX connect to V1
HT46R652
Rev. 1.00
30
December 19, 2006
H T 4 6 R 6 5 2
C O M 0 ~ C O M 2
C O M 3 / S E G 4 0
S E G 0 ~ S E G 3 9
C 1
C 2
V 1
V 2
L C D
P A N E L
L C D P o w e r S u p p l y
V L C D
0 . 1 m F
0 . 1 m F
0 . 1 m F
O S C 3
O S C 4
3 2 7 6 8 H z
V M A X
1 0 p F
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
P A 0 / B Z
P A 1 / B Z
P A 2
P A 3 / P F D
P A 4 / T M R 0
P A 5 / I N T 0
P A 6 / I N T 1
P A 7 / T M R 1
P B 0 / A N 0
P B 7 / A N 7
P D 0 / P W M 8
P D 7 / P W M 1 5
1 0 k W
O S C 1
O S C 2
C r y s t a l S y s t e m O s c i l l a t o r
F o r t h e v a l u e s ,
s e e t a b l e b e l o w
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 M W
V D D
R O S C
f S Y S / 4
O S C 1
O S C 2
4 7 0 p F
R 1
C 1
C 2
O S C C i r c u i t
O S C 1
O S C 2
3 2 7 6 8 H z C r y s t a l S y s t e m
O s c i l l a t o r
O S C 1 a n d O S C 2 l e f t
u n c o n n e c t e d
S e e r i g h t s i d e
P C 0 / P W M 0
P C 7 / P W M 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com