Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R652 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
HT46R652
Rev. 1.00
24
December 19, 2006
Bit No.
Label
Function
0
1
2
ACS0
ACS1
ACS2
Defines the analog channel select.
3
4
5
PCR0
PCR1
PCR2
Defines the port B configuration select. If PCR0, PCR1 and PCR2 are all zero, the ADC circuit is
powered off to reduce power consumption
6
EOCB
Indicates end of A/D conversion. (0 = end of A/D conversion)
Each time bits 3~5 change state the A/D should be initialised by issuing a START signal, other-
wise the EOCB flag may have an undefined condition. See
²Important note for A/D initialisation².
7
START
Starts the A/D conversion. (0
®1®0= start; 0®1= Resets the A/D converter and sets EOCB to
²1²)
ADCR (26H) Register
PCR2
PCR1
PCR0
76543
2
10
0
0
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
0
0
1
PB7
PB6
PB5
PB4
PB3
PB2
PB1
AN0
0
1
0
PB7
PB6
PB5
PB4
PB3
PB2
AN1
AN0
0
1
1
PB7
PB6
PB5
PB4
PB3
AN2
AN1
AN0
1
0
0
PB7
PB6
PB5
PB4
AN3
AN2
AN1
AN0
1
0
1
PB7
PB6
PB5
AN4
AN3
AN2
AN1
AN0
1
1
0
PB7
PB6
AN5
AN4
AN3
AN2
AN1
AN0
1
1
1
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
Port B Configuration
ACS2
ACS1
ACS0
Analog Channel
0
0
0
AN0
0
0
1
AN1
0
1
0
AN2
0
1
1
AN3
1
0
0
AN4
1
0
1
AN5
1
1
0
AN6
1
1
1
AN7
Analog Input Channel Selection
Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADRL
D3
D2
D1
D0
¾¾¾¾
ADRH
D11
D10
D9
D8
D7
D6
D5
D4
Note: D0~D11 is the A/D conversion result data bit LSB~MSB.
ADRL (24H), ADRH (25H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com