Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV3 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT49CV3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
HT49RV3/HT49CV3
Rev. 1.30
10
March 20, 2007
Bit No.
Label
Function
0
EMI
Controls the master or global interrupt (1=enable; 0=disable)
1
EEI0
Controls the external interrupt 0 (1=enable; 0=disable)
2
EEI1
Controls the external interrupt 1 (1=enable; 0=disable)
3
ET0I
Controls the Timer/Event Counter 0 interrupt (1=enable; 0=disable)
4
EIF0
External interrupt 0 request flag (1=active; 0=inactive)
5
EIF1
External interrupt 1 request flag (1=active; 0=inactive)
6
T0F
Internal Timer/Event Counter 0 request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC0 (0BH) Register
Bit No.
Label
Function
0
ET1I
Controls the Timer/Event Counter 1 interrupt (1=enable; 0=disable)
1
ESII
Controls the serial interface interrupt (1=enabled; 0:disabled)
2
EMFI
Controls the real multi-function interrupt (1=enable; 0:disable)
3, 7
¾
Unused bit, read as
²0²
4
T1F
Internal Timer/Event Counter 1 request flag (1=active; 0=inactive)
5
SIF
Serial interface data transferred or data received interrupt request flag (1=active; 0=inactive)
6
MFF
Multi-function interrupt request flag (1=active; 0=inactive)
INTC1 (1EH) Register
Bit No.
Label
Function
0
¾
Unused bit, read as
²0²
1
ERMT0
Controls the remote control timer rising edge interrupt (1=enable; 0=disable)
2
ERMT1
Controls the remote control timer falling edge interrupt (1=enable; 0=disable)
3
ERMTV Controls the remote control timer overflow interrupt (1=enable; 0=disable)
4
RME
Controls the remote control timer (1=enable; 0=disable)
1=enable & start counting; 0= disable & clear counter to 0
5
RMCS
Selects the remote control timer clock source fX (1=fSYS; 0=fSYS/4)
6
7
RMS0
RMS1
Selects the remote control timer clock
00=fX/2
5
01= fX/2
6
10= fX/2
7
11= fX/2
8
RMTC (21H) Register
Once an interrupt subroutine is serviced, all other inter-
rupts are blocked (by clearing the EMI bit). This scheme
may prevent any further interrupt nesting. Other inter-
rupt requests may take place during this interval, but
only the interrupt request flag will be recorded. If another
interrupt requires servicing while the program is in the
interrupt service routine, the programmer should set the
EMI bit and the corresponding bit of the INTC0 or INTC1
to allow interrupt nesting. Once the stack is full, the inter-
rupt request will not be acknowledged, even if the related
interrupt is enabled, until the SP is decremented. If imme-
diate service is desired, the stack should be prevented
from becoming full.
All these interrupts can support a wake-up function. As
an interrupt is serviced, a control transfer occurs by
pushing the contents of the Program Counter onto the
stack followed by a branch to a subroutine at the speci-
fied location in the ROM. Only the contents of the Pro-
gram Counter is pushed onto the stack. If the contents of
the register or of the status register (STATUS) is altered
by the interrupt service program which corrupts the de-
sired control sequence, the contents should be saved in
advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com