Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV3 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT49CV3 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
HT49RV3/HT49CV3
Rev. 1.30
24
March 20, 2007
VFD Display Control Register
- VFDC
Bit No.
Label
Function
2~0
VGS2~
VGS0
Selects the VFD display mode
000= 4 grids, 16 segments
001= 5 grids, 16 segments
010= 6 grids, 16 segments
011= 7 grids, 15 segments
100= 8 grids, 14 segments
101= 9 grids, 13 segments
110= 10 grids, 12 segments
111= 11 grids, 11 segments
3
¾
Unused bit, read as
²0²
4
VFDE
Controls the VFD display
(1=enable; 0=disable)
7~5
VDM2~
VDM0
Sets the VFD dimming quantity
000= set pulse width to 1/16.
001= set pulse width to 2/16.
010= set pulse width to 4/16.
011= set pulse width to 10/16.
100= set pulse width to 11/16.
101= set pulse width to 12/16.
110= set pulse width to 13/16.
111= set pulse width to 14/16.
VFDC (28H) Register
At power-on initial, the 11-grid, 11-segment & 1/16 pulse
width are set and the VFD display is disabled.
The VFD clock source may come from the RTC or the
system clock/4 (fSYS/4).
V D D
0 V
V E E
V D D
0 V
V E E
V D D
0 V
V E E
V D D
0 V
V E E
V D D
0 V
V E E
G r i d 0
G r i d 1
G r i d 0
S e g m e n t s
O N
G r i d 1
S e g m e n t s
O N
A l l
S e g m e n t s
O F F
VFD Driver Output
SEG15~
SEG12
SEG11~
SEG8
SEG7~
SEG4
SEG3~
SEG0
Grid0
41HU
41HL
40HU
40HL
Grid1
43HU
43HL
42HU
42HL
Grid2
45HU
45HL
44HU
44HL
Grid3
47HU
47HL
46HU
46HL
Grid4
49HU
49HL
48HU
48HL
Grid5
4BHU
4BHL
4AHU
4AHL
Grid6
4DHU
4DHL
4CHU
4CHL
Grid7
4FHU
4FHL
4EHU
4EHL
Grid8
51HU
51HL
50HU
50HL
Grid9
53HU
53HL
52HU
52HL
Grid10
55HU
55HL
54HU
54HL
b7
b4 b3
b0
HU
HL
Higher 4 bits
Lower 4 bits
VFD Display Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com