Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV3 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT49CV3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
HT49RV3/HT49CV3
Rev. 1.30
17
March 20, 2007
original level and resets the TON. The measured result
remains in the timer/event counter even if the activated
transient occurs again. In other words, only 1-cycle
measurement can be made until the TON bit is set. The
cycle measurement will continue as long as it receives
further transient pulse. In this operation mode, the
timer/event counter begins counting not according to
the logic level but to the transient edges. In the case of
counter overflows, the counter is reloaded from the
timer/event counter register and issues an interrupt re-
quest, as in the other two modes, i.e., the event and
timer modes.
To enable the counting operation, the Timer ON bit
(TON; bit 4 of the TMR0C or TMR1C) should be set to 1.
In the pulse width measurement mode, TON is automat-
ically cleared after the measurement cycle is completed.
But in the other two modes, TON can only be reset by in-
structions. The overflow of the Timer/Event Counter 0/1
is one of the wake-up sources and can also be applied
to a PFD (Programmable Frequency Divider) output at
PA3 by options. Only one PFD (PFD0 or PFD1) can be
applied to PA3 by options. No matter what the operation
mode is, writinga0to ET0I or ET1I disables the related
interrupt service. When the PFD function is selected, ex-
ecuting
²SET [PA].3² instruction will enable the PFD out-
put and executing
²CLR [PA].3² instruction will disable
the PFD output.
In the case of timer/event counter OFF condition, writing
data to the timer/event counter preload register also re-
loads that data to the timer/event counter. But if the
timer/event counter is turned on, data written to the
timer/event counter is kept only in the timer/event coun-
ter preload register. The timer/event counter still contin-
ues its operation until an overflow occurs.
When the timer/event counter (reading TMR0/TMR1) is
read, the clock is blocked to avoid errors, as this may re-
sults in a counting error. Blocking of the clock should be
taken into account by the programmer. It is strongly rec-
ommended to load the desired value into the
TMR0/TMR1 register first, before turning on the related
timer/event counter, for proper operation since the initial
value of the TMR0/TMR1 is unknown. Due to the
timer/event counter scheme, the programmer should
pay special attention on the instruction to enable then
disable the timer for the first time, whenever there is a
need to use the timer/event counter function, to avoid
unpredictable result. After this procedure, the
timer/event function can be operated normally.
Bits 2~0 of the TMR0C can be used to define the pre-
scaling stages of the internal clock sources of the timer/
event counter. The definitions are as shown. The over-
flow signal of the timer/event counter can be used to
generate the PFD signal.
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T
Q
P F D 0
P A 3 D a t a C T R L
T 0 M 1
T 0 M 0
T M R 0
T 0 E
T 0 M 1
T 0 M 0
T 0 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
1 6 - b i t T i m e r / E v e n t C o u n t e r
( T M R 0 H / T M R 0 L )
D a t a B u s
8 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
T 0 P S C 2 ~ T 0 P S C 0
Timer/Event Counter 0
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T
Q
P F D 1
P A 3 D a t a C T R L
T 1 M 1
T 1 M 0
T M R 1
T 1 E
T 1 M 1
T 1 M 0
T 1 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
1 6 - b i t T i m e r / E v e n t C o u n t e r
( T M R 1 H / T M R 1 L )
D a t a B u s
f I N T
f S Y S / 4
3 2 7 6 8 H z
T 1 S
M
U
X
Timer/Event Counter 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com