Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV3 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT49CV3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
HT49RV3/HT49CV3
Rev. 1.30
14
March 20, 2007
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following.
· The system oscillator turns off but the WDT oscillator
keeps running (if the WDT oscillator or the real time
clock is selected).
· The contents of the on-chip RAM and of the registers
remain unchanged.
· The WDT is cleared and starts recounting (if the WDT
clock source is from the WDT oscillator or the real time
clock oscillator).
· All I/O ports maintain their original status.
· The PDF flag is set but the TO flag is cleared.
· The VFD driver keeps running (if the RTC OSC is se-
lected).
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A, an external rising/falling edge on the RMT
pin, or a WDT overflow. An external reset will initialize a
chip reset and a WDT overflow will initialize a
²warm re-
set
². After examining the TO and PDF flags, the source
of the reset can be determined. The PDF flag is cleared
by a system power-up or by executing the
²CLR WDT²
instruction, and is set by executing the
²HALT² instruc-
tion. The TO flag is set if a WDT time-out occurs, and
causes a wake-up that only resets the Program Counter
and SP, the other flags remain in their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake-up the
device by options. Awakening from an I/O port stimulus,
the program will resume execution at the next instruc-
tion. If the system is woken up via an interrupt, two pos-
sibilities may occur. If the related interrupt is disabled or
the interrupt is enabled but the stack is full, the program
will resume execution at the next instruction. But if the
interrupt is enabled and the stack is not full, a regular in-
terrupt response takes place.
If an interrupt request flag is set to
²1² before entering
the
²HALT² mode, the wake-up function of the related in-
terrupt will be disabled.
If a wake-up event occurs, it takes 1024 tSYS (system
clock period) to resume normal operation. In other
words, a dummy period will be inserted after a wake-up.
If the wake-up results from an interrupt acknowledge
signal, the actual interrupt subroutine execution will be
delayed by one or more cycles. However, if the wake-up
results in the next instruction execution, this will be exe-
cuted immediately after the dummy period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT mode.
Reset
There are three ways in which a microcontroller reset
can occur, through events occurring both internally and
externally:
· RES is reset during normal operation
· RES is reset during HALT
· WDT time-out is reset during normal operation
The WDT time-out reset during HALT is a little different
from other kinds of reset. Most of the conditions remain
unchanged except that the Program Counter and Stack
Pointer will be cleared to 0 and the TO flag will be set to
1. Most registers are reset to the
²initial condition² once
the reset conditions are met.
The different types of resets described affect the reset
flags in different ways. These flags, the PDF and TO
flags, are located in the status register and are con-
trolled by various microcontroller operations such as the
HALT function or Watchdog Timer. The reset flags are
shown in the table:
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES Wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT Wake-up HALT
Note:
²u² stands for unchanged
The RTCC register descriptions are listed below.
Bit No.
Label
Read/
Write
Reset
Function
0~2
RT0~
RT2
R/W
1
8 to 1 multiplexer control inputs to select the real time clock prescaler
output
3, 5~7
¾¾¾
Unused bit, read as
²0²
4
QOSC
R/W
0
32768Hz OSC quick start-up oscillating
0/1: quick/slow start
RTCC (09H) Register
D i v i d e r
f S
8 t o 1 M u x .
P r e s c a l e r
R T 2
R T 1
R T 0
R T C I n t e r r u p t
f S / 2 8 ~ f S / 2 1 5
Real Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com