| Electronic Components Datasheet Search |
|
MSC8122 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8122 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 88 page ![]() MSC8122 Technical Data, Rev. 13 1-22 Freescale Semiconductor Signals/Connections GPIO23 TDM0TDAT IRQ13 Input/ Output Input/ Output Input General-Purpose Input Output 23 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8122 Reference Manual GPIO programming model. TDM0 Serial Transmitter Data The transmit data signal for TDM 0. As an output, this can be the DATA_D data signal for TDM 0. For configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation. Interrupt Request 13 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. GPIO24 TDM0RSYN IRQ14 Input/ Output Input/ Output Input General-Purpose Input Output 24 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8122 Reference Manual GPIO programming model. TDM0 Receive Frame Sync The receive sync signal for TDM 0. As an input, this can be the DATA_B data signal for TDM 0. For configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation. Interrupt Request 14 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. GPIO25 TDM0RCLK IRQ15 Input/ Output Input/ Output Input General-Purpose Input Output 25 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8122 Reference Manual GPIO programming model. TDM0 Receive Clock The receive clock signal for TDM 0. As an input, this can be the DATA_C data signal for TDM 0. For configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation. Interrupt Request 15 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. GPIO26 TDM0RDAT Input/ Output Input/ Output General-Purpose Input Output 26 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8122 Reference Manual GPIO programming model. TDM0 Serial Receiver Data The receive data signal for TDM 0. As an input, this can be the DATA_A data signal for TDM 0. For configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation. GPIO27 DREQ1 URXD Input/ Output Input Input General-Purpose Input Output 27 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8122 Reference Manual GPIO programming model. DMA Request 1 Used by an external peripheral to request DMA service. UART Receive Data GPIO28 DREQ2 UTXD Input/ Output Input Output General-Purpose Input Output 28 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8122 Reference Manual GPIO programming model. DMA Request 2 Used by an external peripheral to request DMA service. UART Transmit Data Table 1-7. GPIO, TDM, UART, Ethernet, and Timer Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |