Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8122 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
AC Timings
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
2-25
2.5.12 EE Signals
Figure 2-22 shows the signal behavior of the EE pins.
2.5.13 JTAG Signals
Figure 2-21.
GPIO Timing
Table 2-28.
EE Pin Timing
Number
Characteristics
Type
Min
65
EE0 (input)
Asynchronous
4 core clock periods
66
EE1 (output)
Synchronous to Core clock
1 core clock period
Notes:
1.
The core clock is the SC140 core clock. The ratio between the core clock and CLKOUT is configured during power-on-reset.
2.
Refer to Table 1-4 on page 1-6 for details on EE pin functionality.
Figure 2-22.
EE Pin Timing
Table 2-29.
JTAG Timing
No.
Characteristics
All
frequencies
Unit
Min
Max
700
TCK frequency of operation (1/(T
C ×
4); maximum 25 MHz)
0.0
25
MHz
701
TCK cycle time
40.0
—
ns
702
TCK clock pulse width measured at VM = 1.6 V
•High
•Low
20.0
16.0
—
—
ns
ns
703
TCK rise and fall times
0.0
3.0
ns
REFCLK
GPIO
(Output)
GPIO
(Input)
Valid
603
High Impedance
604
605
602
601
EE1 out
EE0 in
65
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com