| Electronic Components Datasheet Search |
|
MSC8122 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8122 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 88 page ![]() Direct Slave Interface, System Bus, Ethernet, and Interrupt Signals MSC8122 Technical Data, Rev. 13 Freescale Semiconductor 1-7 HD55 D55 ETHTX_ER Reserved Input/ Output Input/ Output Output Input Host Data Bus 55 Bit 55 of the DSI data bus. System Bus Data 55 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Transmit Data Error In MII mode only, indicates a transmit data error. In RMII mode, this pin is reserved and can be left unconnected. HD56 D56 ETHRX_DV ETHCRS_DV Input/ Output Input/ Output Input Input Host Data Bus 56 Bit 56 of the DSI data bus. System Bus Data 56 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Receive Data Valid Indicates that the receive data is valid. Ethernet Carrier Sense/Receive Data Valid In RMII mode, indicates that a carrier is detected and after the connection is established that the receive data is valid. HD57 D57 ETHRX_ER Input/ Output Input/ Output Input Host Data Bus 57 Bit 57 of the DSI data bus. System Bus Data 57 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Receive Data Error In MII and RMII modes, indicates a receive data error. HD58 D58 ETHMDC Input/ Output Input/ Output Output Host Data Bus 58 Bit 58 of the DSI data bus. System Bus Data 58 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Management Clock In MII and RMII modes, used for the MDIO reference clock. HD59 D59 ETHMDIO Input/ Output Input/ Output Input/ Output Host Data Bus 59 Bit 59 of the DSI data bus. System Bus Data 59 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Management Data In MII and RMII modes, used for station management data input/output. Table 1-5. DSI, System Bus, Ethernet, and Interrupt Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |