Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8122 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 78Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 79Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 80Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 81Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 82Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 83Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 84Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 85Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
MSC8122 Technical Data, Rev. 13
3-20
Freescale Semiconductor
Packaging
3.2 MSC8122 Package Mechanical Drawing
Figure 3-3.
MSC8122 Mechanical Information, 431-pin FC-PBGA Package
Notes:
1. All dimensions in millimeters.
2. Dimensioning and tolerancing
per ASME Y14.5M–1994.
3. Features are symmetrical about
the package center lines unless
dimensioned otherwise.
4. Maximum solder ball diameter
measured parallel to Datum A.
5. Datum A, the seating plane, is
determined by the spherical
crowns of the solder balls.
6. Parallelism measurement shall
exclude any effect of mark on
top surface of package.
7. Capacitors may not be present
on all devices.
8. Caution must be taken not to
short capacitors or exposed
metal capacitor pads on
package top.
9. FC CBGA (Ceramic) package
code: 5238.
FC PBGA (Plastic) package
code: 5263.
10.Pin 1 indicator can be in the
form of number 1 marking or an
“L” shape marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com