Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8122 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
AC Timings
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
2-23
2.5.10.2 MII Mode Timing
2.5.10.3 RMII Mode
Table 2-24.
MII Mode Signal Timing
No.
Characteristics
Min
Max
Unit
803
ETHRX_DV, ETHRXD[0–3], ETHRX_ER to ETHRX_CLK rising edge set-up time
3.5
—
ns
804
ETHRX_CLK rising edge to ETHRX_DV, ETHRXD[0–3], ETHRX_ER hold time
3.5
—
ns
805
ETHTX_CLK to ETHTX_EN, ETHTXD[0–3], ETHTX_ER output delay
•1.1 V core
•1.2 V core
1
1
14.6
12.6
ns
ns
Figure 2-18.
MII Mode Signal Timing
Table 2-25.
RMII Mode Signal Timing
No.
Characteristics
1.1 V Core
1.2 V Core
Unit
Min
Max
Min
Max
806
ETHTX_EN,ETHRXD[0–1], ETHCRS_DV, ETHRX_ER to ETHREF_CLK rising
edge set-up time
1.6
—
2
—
ns
807
ETHREF_CLK rising edge to ETHRXD[0–1], ETHCRS_DV, ETHRX_ER hold
time
1.6
—
1.6
—
ns
811
ETHREF_CLK rising edge to ETHTXD[0–1], ETHTX_EN output delay.
3
12.5
3
11
ns
Figure 2-19.
RMII Mode Signal Timing
Valid
ETHRX_CLK
ETHRX_DV
ETHRXD[0–3]
ETHTX_CLK
ETHRX_ER
ETHTX_EN
ETHTXD[0–3]
Valid
Valid
ETHTX_ER
803
804
805
Valid
ETHREF_CLK
ETHCRS_DV
ETHRXD[0–1]
ETHRX_ER
807
806
ETHTX_EN
ETHTXD[0–1]
Valid
Valid
811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com