Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8267 Datasheet(PDF) 101 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 101 Page - ams AG

Back Button AS8267 Datasheet HTML 97Page - ams AG AS8267 Datasheet HTML 98Page - ams AG AS8267 Datasheet HTML 99Page - ams AG AS8267 Datasheet HTML 100Page - ams AG AS8267 Datasheet HTML 101Page - ams AG AS8267 Datasheet HTML 102Page - ams AG AS8267 Datasheet HTML 103Page - ams AG AS8267 Datasheet HTML 104Page - ams AG AS8267 Datasheet HTML 105Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 101 of 136
Internal Memory (I_RAM)
128 bytes of I_RAM are provided, which can be accessed via 3 address modes.
-
All memory 00h to 7Fh is directly addressable.
-
00h to 1Fh are register addressable in four banks. Bank switching is done in PSW (Program Status Word).
-
20h to 2Fh are bit addressable, which means that each bit of these registers can be set/cleared separately.
I_R AM Locations
78h
79h
7Ah
7Bh
7Ch
7Dh
7Eh
7Fh
70h
71h
72h
73h
74h
75h
76h
77h
68h
69h
6Ah
6Bh
6Ch
6Dh
6Eh
6Fh
60h
61h
62h
63h
64h
65h
66h
67h
58h
59h
5Ah
5Bh
5Ch
5Dh
5Eh
5Fh
50h
51h
52h
53h
54h
55h
56h
57h
48h
49h
4Ah
4Bh
4Ch
4Dh
4Eh
4Fh
40h
41h
42h
43h
44h
45h
46h
47h
38h
39h
3Ah
3Bh
3Ch
3Dh
3Eh
3Fh
30h
31h
32h
33h
34h
35h
36h
37h
28h bit 40-47
29h bit 48-4F
2Ah bit 50-57
2Bh bit 58-5F
2Ch bit 60-67
2Dh bit 68-6F
2Eh bit 70-77
2Fh bit 78-7F
20h bit 00-07
21h bit 08-0F
22h bit 10-17
23h bit 18-1F
24h bit 20-27
25h bit 28-2F
26h bit 30-37
27h bit 38-3F
18h R0
19h R1
1Ah R2
1Bh R3
1Ch R4
1Dh R5
1Eh R6
1Fh R7
10h R0
11h R1
12h R2
13h R3
14h R4
15h R5
16h R6
17h R7
08h R0
09h R1
0Ah R2
0Bh R3
0Ch R4
0Dh R5
0Eh R6
0Fh R7
00h R0
01h R1
02h R2
03h R3
04h R4
05h R5
06h R6
07h R7
The first 4 x 8 bytes of the internal memory can be addressed via instructions using the register addressing
mode (register bank 0, 1, 2, 3). The following 16 bytes (16 x 8 = 128 bits, address 20h to 2Fh) can be
addressed via instructions using the direct-bit addressing mode. The address space from 30h to 7Fh is
accessible via the direct addressing mode only. Gray-shaded R0 and R1 registers can be used for register
indirect addressing.
Special Function Registers (SFR)
The following table shows the locations of the Special Function Registers. SFRs in bold style are original 8051
registers. SFRs in italic style are additional registers specific to the AS8267 / AS8268 ICs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com