Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2T6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STR711FR2T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2T6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STR711FR2T6 Datasheet HTML 69Page - STMicroelectronics STR711FR2T6 Datasheet HTML 70Page - STMicroelectronics STR711FR2T6 Datasheet HTML 71Page - STMicroelectronics STR711FR2T6 Datasheet HTML 72Page - STMicroelectronics STR711FR2T6 Datasheet HTML 73Page - STMicroelectronics STR711FR2T6 Datasheet HTML 74Page - STMicroelectronics STR711FR2T6 Datasheet HTML 75Page - STMicroelectronics STR711FR2T6 Datasheet HTML 76Page - STMicroelectronics STR711FR2T6 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
Revision history
STR71xF
76/77
22-May-2006
8
Added Flashless device.
Changed reset state of pins P1.10 and P1.13 from pu to pd,
P0.15 from pu to floating and removed x in interrupt column for
P1.15 and P1.12 in Table 3 and Table 6
Added notes under Table 3 on EMI pin reset state.
Corrected inch value for d3 in Figure 39
Added footprint diagrams in Figure 39 and Figure 42
Updated Section 5: Electrical parameters
01-Aug-2006
9
Flash data retention changed to 20 years at 85° C.
Changed note 8 on page 19
Changed note 1 on page 45
06-Nov-2006
10
Added STR715FR0T1 in Table 41: Order codes
P0.12 corrected in Table 6 on page 24
20-Mar-2007
11
Added characteristics of BSPI - Buffered Serial Peripheral
Interface on page 63
Updated Table 22: Low-power mode wake-up timing on
page 45
Table 42.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com