Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2T6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STR711FR2T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2T6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STR711FR2T6 Datasheet HTML 34Page - STMicroelectronics STR711FR2T6 Datasheet HTML 35Page - STMicroelectronics STR711FR2T6 Datasheet HTML 36Page - STMicroelectronics STR711FR2T6 Datasheet HTML 37Page - STMicroelectronics STR711FR2T6 Datasheet HTML 38Page - STMicroelectronics STR711FR2T6 Datasheet HTML 39Page - STMicroelectronics STR711FR2T6 Datasheet HTML 40Page - STMicroelectronics STR711FR2T6 Datasheet HTML 41Page - STMicroelectronics STR711FR2T6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
Electrical parameters
STR71xF
38/77
Table 15.
Typical power consumption data
Symbol
Parameter
Conditions
Typical
current
on V33
Unit
IDDRUN
RUN mode
current from
RAM
All periphs ON
MCLK = 16 MHz, PCLK = FCLK = 16 MHz
23
mA
MCLK = 32 MHz, PCLK = FCLK = 32 MHz
40
MCLK = 48 MHz, PCLK = FCLK = 24 MHz
50
MCLK = 64 MHz, PCLK = FCLK = 32 MHz
63
All periphs OFF
MCLK = 16 MHz
16
MCLK = 32 MHz
26
MCLK = 48 MHz
39
MCLK = 64 MHz
48
RUN mode
current from
FLASH
All periphs ON
MCLK = 16 MHz, PCLK = FCLK = 16 MHz
27
MCLK = 32 MHz, PCLK = FCLK = 32 MHz
47
MCLK = 48 MHz, PCLK = FCLK = 24 MHz
62
All periphs OFF
MCLK = 16 MHz
21
MCLK = 32 MHz
36
MCLK = 48 MHz
53
IDDSLOW
SLOW mode current
MCLK = CK_AF (32 kHz), MVR off
1.7
IDDWAIT
WAIT mode current
(all periphs ON)
PCLK = FCLK = 1 MHz
13
IDDLPWAIT
LPWAIT mode current
CK_AF (32 kHz), Main VReg off, FLASH in
power-down
37
µA
IDDSTOP
STOP mode current
Main VReg off, FLASH in power down, RTC
on
18
Main VReg off, FLASH in power down, RTC
off
10
IDDSB
STANDBY mode current
LP VReg on, LVD on, RTC on
10
LP VReg off (ext 1.8V on V18BKP), LVD on,
RTC on
9
LP VReg off (ext1.8V on V18BKP), LVD off,
RTC on
5
LP VReg off (ext 1.8V on V18BKP), LVD off,
RTC off
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com