Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2T6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR711FR2T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2T6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR711FR2T6 Datasheet HTML 14Page - STMicroelectronics STR711FR2T6 Datasheet HTML 15Page - STMicroelectronics STR711FR2T6 Datasheet HTML 16Page - STMicroelectronics STR711FR2T6 Datasheet HTML 17Page - STMicroelectronics STR711FR2T6 Datasheet HTML 18Page - STMicroelectronics STR711FR2T6 Datasheet HTML 19Page - STMicroelectronics STR711FR2T6 Datasheet HTML 20Page - STMicroelectronics STR711FR2T6 Datasheet HTML 21Page - STMicroelectronics STR711FR2T6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
System architecture
STR71xF
18/77
107 D10
P1.13/HCLK/
I0.SCL
I/O pd
CT X 4mA X
X
Port 1.13
HDLC:
reference
clock input
I2C clock
108 C11
P1.14/HRXD/
I0.SDA
I/O pu
CT X 4mA X
X
Port 1.14
HDLC:
Receive data
input
I2C serial data
109 B11 N.C.
Not connected (not bonded)
110 B10 N.C.
Not connected (not bonded)
111 C10 P1.15/HTXD
I/O pu
CT
4mA
X
X
Port 1.15
HDLC: Transmit data output
112
A9
VSS
S
Ground voltage for digital I/O circuitry4)
113
B9
V33
S
Supply voltage for digital I/O circuitry4)
114
C9
A.5
O
7)
8mA
X
External Memory Interface: address bus
115
D9
A.6
O
7)
8mA
X
116 A11 A.7
O
7)
8mA
X
117 A10 A.8
O
7)
8mA
X
118
A8
A.9
O
7)
8mA
X
119
B8
A.10
O
7)
8mA
X
120
C8
A.11
O
7)
8mA
X
121 A12 A.12
O
7)
8mA
X
122
D8
A.13
O
7)
8mA
X
123
E8
P0.0/S0.MISO
/U3.TX
I/O pu
CT
4mA
X
X
Port 0.0
SPI0 Master
in/Slave out
data
UART3 Transmit data
output
Note: Programming AF function
selects UART by default. BSPI must
be enabled by SPI_EN bit in the
BOOTCR register.
124
B7
P0.1/S0.MOSI
/U3.RX
I/O pu
CT X4mA X
X
Port 0.1
BSPI0: Master
out/Slave in
data
UART3: Receive
Data input
Note: Programming AF function
selects UART by default. BSPI must
be enabled by SPI_EN bit in the
BOOTCR register.
Table 3.
STR710 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com