Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2T6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR711FR2T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2T6 Datasheet(HTML) 1 Page - STMicroelectronics

  STR711FR2T6 Datasheet HTML 1Page - STMicroelectronics STR711FR2T6 Datasheet HTML 2Page - STMicroelectronics STR711FR2T6 Datasheet HTML 3Page - STMicroelectronics STR711FR2T6 Datasheet HTML 4Page - STMicroelectronics STR711FR2T6 Datasheet HTML 5Page - STMicroelectronics STR711FR2T6 Datasheet HTML 6Page - STMicroelectronics STR711FR2T6 Datasheet HTML 7Page - STMicroelectronics STR711FR2T6 Datasheet HTML 8Page - STMicroelectronics STR711FR2T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
March 2007
Rev 11
1/77
77
STR71xF
ARM7TDMI™ 32-bit MCU with Flash, USB, CAN
5 timers, ADC, 10 communications interfaces
Features
■ Core
– ARM7TDMI 32-bit RISC CPU
– 59 MIPS @ 66 MHz from SRAM
– 45 MIPS @ 50 MHz from Flash
■ Memories
– Up to 256 Kbytes Flash program memory
(10 kcycles endurance, 20 yrs retention @
85° C)
– 16K bytes Flash data memory
(100 kcycles endurance, 20 yrs retention@
85° C)
– Up to 64 Kbytes RAM
– External Memory Interface (EMI) for up to 4
banks of SRAM, Flash, ROM
– Multi-boot capability
■ Clock, Reset and Supply Management
– 3.0 to 3.6V application supply and I/Os
– Internal 1.8V regulator for core supply
– Clock input from 0 to 16.5 MHz
– Embedded RTC osc. running from external
32 kHz crystal
– Embedded PLL for CPU clock
– Realtime Clock for clock-calendar function
– 5 power saving modes: SLOW, WAIT,
LPWAIT, STOP and STANDBY modes
■ Nested interrupt controller
– Fast interrupt handling with multiple vectors
– 32 vectors with 16 IRQ priority levels
– 2 maskable FIQ sources
■ Up to 48 I/O ports
– 30/32/48 multifunctional bidirectional I/Os
Up to 14 ports with interrupt capability
■ 5 Timers
– 16-bit watchdog timer
– 3 16-bit timers with 2 input captures, 2
output compares, PWM and pulse counter
– 16-bit timer for timebase functions
■ 10 Communications Interfaces
–2 I2C interfaces (1 multiplexed with SPI)
– 4 UART asynchronous serial interfaces
– Smart Card ISO7816-3 interface on UART1
– 2 BSPI synchronous serial interfaces
– CAN interface (2.0B Active)
– USB Full Speed (12Mbit/s) Device Function
with Suspend and Resume
– HDLC synchronous communications
■ 4-channel 12-bit A/D Converter
– Sampling frequency up to 1kHz
– Conversion range: 0 to 2.5V
■ Development tools support
LQFP64
10 x 10
LQFP144
20 x 20
LFBGA64 8 x 8 x 1.7
LFBGA144 10 x 10 x 1.7
LFBGA64 8 x 8 x 1.7
www.st.com


Similar Part No. - STR711FR2T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR711FR2T6 STMICROELECTRONICS-STR711FR2T6 Datasheet
678Kb / 49P
ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR711FR2T6 STMICROELECTRONICS-STR711FR2T6 Datasheet
659Kb / 49P
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR711FR2T6 STMICROELECTRONICS-STR711FR2T6 Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
More results

Similar Description - STR711FR2T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR730FZ1T7 STMICROELECTRONICS-STR730FZ1T7 Datasheet
380Kb / 22P
ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
Rev. 1
STR720 STMICROELECTRONICS-STR720 Datasheet
2Mb / 401P
ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
Dec-2004
STR73XF STMICROELECTRONICS-STR73XF Datasheet
663Kb / 40P
ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Mar-2006
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
STR73XF_0609 STMICROELECTRONICS-STR73XF_0609 Datasheet
1Mb / 53P
ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Sep-2006
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
13-Feb-2008
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Jun-2008
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
03-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com