Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2T6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STR711FR2T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2T6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STR711FR2T6 Datasheet HTML 31Page - STMicroelectronics STR711FR2T6 Datasheet HTML 32Page - STMicroelectronics STR711FR2T6 Datasheet HTML 33Page - STMicroelectronics STR711FR2T6 Datasheet HTML 34Page - STMicroelectronics STR711FR2T6 Datasheet HTML 35Page - STMicroelectronics STR711FR2T6 Datasheet HTML 36Page - STMicroelectronics STR711FR2T6 Datasheet HTML 37Page - STMicroelectronics STR711FR2T6 Datasheet HTML 38Page - STMicroelectronics STR711FR2T6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
STR71xF
Electrical parameters
35/77
Notes:
1.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>V33 while a negative injection is induced by VIN<VSS. For true open-drain pads,
there is no positive injection current, and the corresponding VIN maximum must always be respected
2.
All 3.3V power (V33, AVDD, V33IO-PLL) and ground (VSS, AVSS, VSSIO-PLL) pins must always be connected
to the external 3.3V supply.
3.
Negative injection disturbs the analog performance of the device. See note in Section 5.3.9: ADC
characteristics on page 65.
4.
When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with
ΣIINJ(PIN) maximum current injection on four I/O port pins of the device.
5.
Only when using external 1.8V power supply. All the power (V18, V18BKP) and ground (VSS18, VSSBKP) pins
must always be connected to the external 1.8V supply.
Table 10.
Current characteristics
Symbol
Ratings
Max.
Unit
IV33
Total current into V33/V33IO-PLL power lines (source)
2)
150
mA
IVSS
Total current out of VSS/VSSIO-PLL ground lines (sink)
2)
150
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
- 25
IINJ(PIN)
1) & 3)
Injected current on RSTIN pin
± 5
Injected current on CK pin
± 5
Injected current on any other pin 4)
± 5
ΣIINJ(PIN) 1)
Total injected current (sum of all I/O and control pins) 4)
± 25
Table 11.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see Section 6.2: Thermal characteristics on
page 71)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com