Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2T6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR711FR2T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2T6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR711FR2T6 Datasheet HTML 12Page - STMicroelectronics STR711FR2T6 Datasheet HTML 13Page - STMicroelectronics STR711FR2T6 Datasheet HTML 14Page - STMicroelectronics STR711FR2T6 Datasheet HTML 15Page - STMicroelectronics STR711FR2T6 Datasheet HTML 16Page - STMicroelectronics STR711FR2T6 Datasheet HTML 17Page - STMicroelectronics STR711FR2T6 Datasheet HTML 18Page - STMicroelectronics STR711FR2T6 Datasheet HTML 19Page - STMicroelectronics STR711FR2T6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
System architecture
STR71xF
16/77
59
L7
VSS18
S
Stabilization for main voltage regulator.
60
K7
N.C.
Not connected (not bonded)
61
J7
D.0
I/O
6)
8mA
External Memory Interface: data bus
62
H7
D.1
I/O
6)
8mA
63
M8
D.2
I/O
6)
8mA
64
L8
D.3
I/O
6)
8mA
65
M10 D.4
I/O
6)
8mA
66
M11 VDDA
S
Supply voltage for A/D Converter
67
K8
VSSA
S
Ground voltage for A/D Converter
68
J8
N.C.
Not connected (not bonded)
69
M9
N.C.
Not connected (not bonded)
70
L9
N.C.
Not connected (not bonded)
71
K9
P1.0/T3.OCM
PB/AIN.0
I/O pu
CT
4mA
X
X
Port 1.0
Timer 3:
Output
Compare B
ADC: Analog input 0
72
L10
P1.1/T3.ICAP
A/T3.EXTCLK/
AIN.1
I/O pu
CT
4mA
X
X
Port 1.1
Timer 3: Input
Capture A or
External Clock
input
ADC: Analog input 1
73
M12
P1.2/T3.OCM
PA/AIN.2
I/O pu
CT
4mA
X
X
Port 1.2
Timer 3:
Output
Compare A
ADC: Analog input 2
74
L11
P1.3/T3.ICAP
B/AIN.3
I/O pu
CT
4mA
X
X
Port 1.3
Timer 3: Input
Capture B
ADC: Analog input 3
75
K11
P1.4/T1.ICAP
A/T1.EXTCLK
I/O pu
CT
4mA
X
X
Port 1.4
Timer 1: Input
Capture A
Timer 1: External
Clock input
76
K10
P1.5/T1.ICAP
B
I/O pu
CT
4mA
X
X
Port 1.5
Timer 1: Input
Capture B
77
J12
P1.6/T1.OCM
PB
I/O pu
CT
4mA
X
X
Port 1.6
Timer 1:
Output
Compare B
78
J11 D.5
I/O
6)
8mA
External Memory Interface: data bus
79
L12 D.6
I/O
6)
8mA
80
K12 D.7
I/O
6)
8mA
81
J10 D.8
I/O
6)
8mA
82
J9
D.9
I/O
6)
8mA
Table 3.
STR710 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com