Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC310 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 22Page - Advanced Micro Devices ELANSC310 Datasheet HTML 23Page - Advanced Micro Devices ELANSC310 Datasheet HTML 24Page - Advanced Micro Devices ELANSC310 Datasheet HTML 25Page - Advanced Micro Devices ELANSC310 Datasheet HTML 26Page - Advanced Micro Devices ELANSC310 Datasheet HTML 27Page - Advanced Micro Devices ELANSC310 Datasheet HTML 28Page - Advanced Micro Devices ELANSC310 Datasheet HTML 29Page - Advanced Micro Devices ELANSC310 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 119 page
background image
26
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
1. PMC outputs: four Low (PMC0, PMC1, PMC2, PMC4), one High (PMC3), default state after reset. All five are programmable
as either active High or Low after reset.
All inputs that have VCC clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
Table 7.
Power Management Interface
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
ACIN
101
STI
PD
0.0
0.0
VCC5
VCC5
EXTSMI
102
STI
PD
0.0
0.0
VCC5
VCC5
SUS/RES
103
STI
5.0
5.0
VCC5
VCC5
PMC41
184
O
B
Active
0.0
0.0
VCC1
VCC5
50
PMC31
185
O
B
Active
3.3
3.3
VCC1
VCC5
50
PMC21
77
O
B
Active
0.0
0.0
VSYS
VCC5
50
PMC11
138
O
B
Active
0.0
0.0
VCC5
VCC5
50
PMC01
137
O
B
Active
0.0
0.0
VCC5
VCC5
50
PGP3
186
O
B
Active
3.3
3.3
VCC1
VCC5
50
PGP2
187
O
B
Active
3.3
3.3
VCC1
VCC5
50
PGP1
188
B
B
Active
3.3
3.3
VCC1
VCC5
50
PGP0
189
B
B
Active
0.0
0.0
VCC1
VCC5
50
BL1
106
STI
5.0
5.0
VCC5
VCC5
BL2
107
STI
5.0
5.0
VCC5
VCC5
BL3
108
STI
5.0
5.0
VCC5
VCC5
BL4
109
STI
5.0
5.0
VCC5
VCC5
LPH
190
O
B
Active
0.0
0.0
VCC1
VCC5
50
Table 8.
Local Bus Interface
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
ADS (0WS)
172
(O/I)
C
(1/–)
3.3
3.3
VCC1
VCC5
50
D/C (DRQ0)1
171
(O/I)
C
(LS/–)
3.3
0.0
VCC1
VCC5
50
M/IO (DRQ3)1
170
(O/I)
C
(LS/–)
0.0
0.0
VCC1
VCC5
50
W/R (DRQ7)1
169
(O/I)
C
(LS/–)
0.0
0.0
VCC1
VCC5
50
BHE (IRQ9)1
168
(O/I)
C
(LS/–)
0.0
3.3
VCC1
VCC5
50
BLE (IRQ11)1
167
(O/I)
C
(LS/–)
0.0
3.3
VCC1
VCC5
50
LRDY (DRQ6)
166
(I/I)
C
0.0
0.0
VCC1
VCC5
50
LDEV (RSVD)
148
(I/O)
C
(–/3 state)
3.3
0.0
VSYS2
VCC5
50
A23 (LA23)
149
O
C
0
3.3
5.0
VSYS2
VCC5
50
A22 (LA22)
150
O
C
0
3.3
5.0
VSYS2
VCC5
50
A21 (LA21)
151
O
C
0
3.3
5.0
VSYS2
VCC5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com