Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC310 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 84Page - Advanced Micro Devices ELANSC310 Datasheet HTML 85Page - Advanced Micro Devices ELANSC310 Datasheet HTML 86Page - Advanced Micro Devices ELANSC310 Datasheet HTML 87Page - Advanced Micro Devices ELANSC310 Datasheet HTML 88Page - Advanced Micro Devices ELANSC310 Datasheet HTML 89Page - Advanced Micro Devices ELANSC310 Datasheet HTML 90Page - Advanced Micro Devices ELANSC310 Datasheet HTML 91Page - Advanced Micro Devices ELANSC310 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 119 page
background image
88
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
AC Switching Characteristics over Commercial Operating Ranges
Notes:
1. This parameter is dependent on the 32 kHz oscillator start-up time. The oscillator start-up time is dependent on the external
component values used, board layout, and power supply noise. For more information, see “Crystal Specifications” on page
84.
2. RESIN remains inactive during Micro Power Off mode and Micro Power Off mode exit.
3. The pulse width of RSTDRV is adjustable based on PLL start-up timing. See “Loop Filters” on page 86 for more information.
Voltage sequencing on power-up for the ÉlanSC310 microcontroller should be observed as follows:
–VCC
– All VCC clamp sources (VCC, VMEM, VSYS, VCC5, and AVCC)
– All VCCIO sources (VCC5, VMEM, VSYS, VCC1, VSYS2, and AVCC)
The reverse is true when powering down. For any particular I/O pin, the VCCIO may come up simultaneously with the VCC clamp,
but should never proceed the VCC clamp. Refer to the Pin Characteristics table (page 21) for detailed I/O information.
Table 45.
Power-Up Sequencing (See Figures 32–35)
Symbol
Parameter Description
Notes
Preliminary
Unit
Min
Typ
Max
t1
All VCC valid to RESIN and IORESET inactive
1, 2
1
s
t2
RESIN and IORESET inactive to RSTDRV inactive
2, 3
300
µs
t3
IORESET active to RSTDRV active
0
ns
t4
VSYS2, VCC1, and VSYS valid delay from VCC5
0
ns
t5
VSYS2, VCC1, VSYS, and optionally VMEM valid to
IORESET inactive
5
µs
t6
VCC5, VSYS2, VCC1, VSYS hold time from IORESET
active
5
µs
t7
VCC5 hold time from VSYS2, VCC1, and VSYS inactive
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com