| Electronic Components Datasheet Search |
|
ELANSC310 Datasheet(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC310 Datasheet(HTML) 8 Page - Advanced Micro Devices |
|
8 / 119 page ![]() PREL IMINARY 8 Élan™SC310 Microcontroller Data Sheet LIST OF FIGURES Figure 1. PLL Block Diagram .................................................................................................. 42 Figure 2. Clock Steering Block Diagram ................................................................................. 43 Figure 3. Typical System Design with Secondary Power Supply to Maintain RTC When Primary Power Supply is Off (DRAM Refresh is Optional.)...................................... 47 Figure 4. ÉlanSC310 Microcontroller I/O Structure ................................................................. 48 Figure 5. ÉlanSC310 Microcontroller Unidirectional Parallel Port Data Bus Implementation... 52 Figure 6. The ÉlanSC310 Microcontroller Bidirectional Parallel Port and EPP Implementation ......................................................................................... 53 Figure 7. Typical System Block Diagram (Maximum ISA Mode)............................................. 55 Figure 8. Bus Option Configuration Select .............................................................................. 59 Figure 9. 3.3-V I/O Drive Type E Rise Time............................................................................ 74 Figure 10. 3.3-V I/O Drive Type E Fall Time ............................................................................. 74 Figure 11. 5-V I/O Drive Type E Rise Time............................................................................... 75 Figure 12. 5-V I/O Drive Type E Fall Time ................................................................................ 75 Figure 13. 3.3-V I/O Drive Type D Rise Time............................................................................ 76 Figure 14. 3.3-V I/O Drive Type D Fall Time ............................................................................. 76 Figure 15. 5-V I/O Drive Type D Rise Time............................................................................... 77 Figure 16. 5-V I/O Drive Type D Fall Time ................................................................................ 77 Figure 17. 3.3-V I/O Drive Type C Rise Time............................................................................ 78 Figure 18. 3.3-V I/O Drive Type C Fall Time ............................................................................. 78 Figure 19. 5-V I/O Drive Type C Rise Time............................................................................... 79 Figure 20. 5-V I/O Drive Type C Fall Time ................................................................................ 79 Figure 21. 3.3-V I/O Drive Type B Rise Time............................................................................ 80 Figure 22. 3.3-V I/O Drive Type B Fall Time ............................................................................. 80 Figure 23. 5-V I/O Drive Type B Rise Time............................................................................... 81 Figure 24. 5-V I/O Drive Type B Fall Time ................................................................................ 81 Figure 25. 3.3-V I/O Drive Type A Rise Time............................................................................ 82 Figure 26. 3.3-V I/O Drive Type A Fall Time ............................................................................. 82 Figure 27. 5-V I/O Drive Type A Rise Time............................................................................... 83 Figure 28. 5-V I/O Drive Type A Fall Time ................................................................................ 83 Figure 29. X32 Oscillator Circuit................................................................................................ 85 Figure 30. Loop-Filter Component ............................................................................................ 86 Figure 31. Key to Switching Waveforms ................................................................................... 87 Figure 32. Power-Up Sequence Timing .................................................................................... 89 Figure 33. Micro Power Off Mode Exit ...................................................................................... 90 Figure 34. Entering Micro Power Off Mode (DRAM Refresh Disabled) .................................... 91 Figure 35. Entering Micro Power Off Mode (DRAM Refresh Enabled) ..................................... 91 Figure 36. DRAM Timings, Page Hit ......................................................................................... 93 Figure 37. DRAM Timings, Refresh Cycle ................................................................................ 93 Figure 38. DRAM First Cycle and Bank/Page Miss (Read Cycles)........................................... 95 Figure 39. DRAM First Cycle Bank/Page Miss (Write Cycles) .................................................. 97 Figure 40. Local Bus Interface .................................................................................................. 99 Figure 41. BIOS ROM Read/Write 8-Bit Cycle........................................................................ 101 Figure 42. DOS ROM Read/Write 8-Bit Cycle......................................................................... 103 Figure 43. DOS ROM Read/Write 16-Bit Cycle....................................................................... 105 Figure 44. ISA Memory Read/Write 8-Bit Cycle ...................................................................... 107 Figure 45. ISA Memory Read/Write 16-Bit Cycle .................................................................... 109 Figure 46. ISA Memory Read/Write 0 Wait State Cycle.......................................................... 111 Figure 47. ISA I/O 8-Bit Read/Write Cycle .............................................................................. 113 Figure 48. ISA I/O 16-Bit Read/Write Cycle ............................................................................ 115 Figure 49. EPP Data Register Write Cycle.............................................................................. 116 Figure 50. EPP Data Register Read Cycle ............................................................................. 117 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |