Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC310 Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 25Page - Advanced Micro Devices ELANSC310 Datasheet HTML 26Page - Advanced Micro Devices ELANSC310 Datasheet HTML 27Page - Advanced Micro Devices ELANSC310 Datasheet HTML 28Page - Advanced Micro Devices ELANSC310 Datasheet HTML 29Page - Advanced Micro Devices ELANSC310 Datasheet HTML 30Page - Advanced Micro Devices ELANSC310 Datasheet HTML 31Page - Advanced Micro Devices ELANSC310 Datasheet HTML 32Page - Advanced Micro Devices ELANSC310 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
29
PREL IMINARY
All inputs that have VCC clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
Notes:
1. These reset state entries identify the VCCIO levels that are present on the ÉlanSC310 microcontroller for the two bus mode
options. Note that the device is not limited to these VCC levels.
All inputs that have VCC clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
Table 10.
Power Pins
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
AVCC1
203
———
3.3
3.3
VCC1
23, 81, 135,180
3.3
3.3
VCC51
95, 128
5.0
5.0
VSYS21
142
———
3.3
5.0
VSYS1
48, 65
5.0
5.0
VMEM1
9, 22, 35
3.3
3.3
VCC11
176
———
3.3
3.3
GND
1,12, 20, 33, 52,
53, 68, 104, 105,
121, 156, 157,
191
———
AGND
208
———



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com