| Electronic Components Datasheet Search |
|
ELANSC310 Datasheet(PDF) 33 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC310 Datasheet(HTML) 33 Page - Advanced Micro Devices |
|
33 / 119 page ![]() Élan™SC310 Microcontroller Data Sheet 33 PREL IMINARY compatibility. In PC-compatible systems, this signal can be driven by an 8042 keyboard controller, port 2, bit 1. For detailed information about the A20GATE signal, see the ÉlanTMSC300 and ÉlanSC310 Microcontrollers GATEA20 Function Clarification Application Note, order #21811. RC Reset CPU (Input; Active Low) This signal resets the internal CPU. In PC-compatible systems, this signal can be driven by a keyboard con- troller, port 2, bit 0. SYSCLK [XTCLK] System Clock (Output) This clock can be used to provide a clock to a keyboard controller. It is not synchronous to ISA bus cycles. XTCLK is the PC/XT keyboard clock. For information about internal clock states, see Table 22 on page 45. For information about the maximum ISA bus option, see page 56. PARALLEL PORT INTERFACE ACK Printer Acknowledge (Input; Active Low) The printer asserts ACK to confirm that the transfer from the ÉlanSC310 microcontroller to the parallel port was successful. AFDT [X14OUT] Auto Line Feed Detect (Output; Active Low) This pin signals the printer to autofeed continuous form paper. It can be programmed to become a 14.336-MHz output. BUSY Printer Busy (Input; Active High) The printer asserts BUSY when it is performing an operation. ERROR (Input; Active Low) The printer asserts the ERROR signal to inform the parallel port of a deselect condition, PE, or other error condition. INIT Initialize Printer (Output; Active Low) This pin signals the printer to begin an initialization rou- tine. PE Paper End (Input; Active High) The printer asserts this signal when it is out of paper. PPDWE [PPDCS] Parallel Port Write Enable (Output; Active Low) The PPDWE signal is used to control the 374 type latch in a unidirectional parallel port design. To support a bi- directional parallel port design, this pin can be reconfig- ured (PPDCS) to act as an address decode for the parallel port data port. It can then be externally gated with IOR and IOW to provide the Parallel Port Data Read and Write Strobes, respectively. For more information, see “Parallel Port” on page 51. PPOEN Parallel Port Output Buffer Enable (Output; Active Low) This signal supports a bidirectional parallel port design. It is used to control the output enable of the Parallel Port Output Buffer. SLCT Printer Select Return (Input; Active High) The printer asserts SLCT when it has been selected. SLCTIN Printer Selected (Output; Active Low) Asserting SLCTIN selects the line printer. STRB Strobe (Output; Active Low) Asserting STRB signals the line printer to latch data currently on the parallel port. SERIAL PORT INTERFACE CTS Clear To Send (Input; Active Low) This signal indicates that the external serial device is ready to accept data. DCD Data Carrier Detect (Input; Active Low) This signal indicates to the internal serial port controller that the attached serial device has detected a data car- rier. DSR Data Set Ready (Input; Active Low) This signal is used to indicate that the external serial device is ready to establish a communication link with the internal serial port controller. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |