Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC310 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 24Page - Advanced Micro Devices ELANSC310 Datasheet HTML 25Page - Advanced Micro Devices ELANSC310 Datasheet HTML 26Page - Advanced Micro Devices ELANSC310 Datasheet HTML 27Page - Advanced Micro Devices ELANSC310 Datasheet HTML 28Page - Advanced Micro Devices ELANSC310 Datasheet HTML 29Page - Advanced Micro Devices ELANSC310 Datasheet HTML 30Page - Advanced Micro Devices ELANSC310 Datasheet HTML 31Page - Advanced Micro Devices ELANSC310 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 119 page
background image
28
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
1. IORESET (pin #140) requires an external pulldown resistor (~100K).
2. Reset State Local Bus signal and Reset State ISA Max signal: 920 mV–0 V frequency = 32 kHz.
3. Reset State signal: 1.68 V–0 V frequency = 32 kHz.
4. LS in the Clock Off column stands for Last State.
Table 9.
Miscellaneous Interface
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
IORESET1
140
I
——
0.0
0.0
VCC5
VCC5
X32IN2
201
I
920/0
920/0
AVCC
AVCC
X32OUT3
202
O
osc.
Active
1.68/0
1.68/0
AVCC
AVCC
LF1
204
A
1.52
1.52
AVCC
AVCC
LF2
205
A
1.48
1.48
AVCC
AVCC
LF3
206
A
1.52
1.52
AVCC
AVCC
LF4
207
A
1.68
1.68
AVCC
AVCC
X1OUT [BAUD_OUT]
200
O
B
(LS) (4)
1.24
1.24
VCC1
VCC5
50
RESIN
141
STI
0.0
0.0
VCC
VCC
SPKR4
139
O
B
(LS) (4)
5.0
5.0
VCC5
VCC5
50
JTAGEN
199
I
PD
0.0
0.0
VCC1
VCC5
RSVD
129
VCC5
VCC5
RSVD
130
VCC5
VCC5
RSVD
131
VCC5
VCC5
RSVD
132
VCC5
VCC5
RSVD
133
VCC5
VCC5
PULLUP
110
VCC5
VCC5
PULLUP
111
VCC5
VCC5
PULLUP
112
VCC5
VCC5
PULLUP
113
VCC5
VCC5
PULLUP
114
VCC5
VCC5
PULLUP
115
VCC5
VCC5
RSVD
122
VCC5
VCC5
RSVD
123
VCC5
VCC5
RSVD
124
VCC5
VCC5
RSVD
125
VCC5
VCC5
RSVD
126
VCC5
VCC5
RSVD
127
VCC5
VCC5
PULLUP
116
VCC5
VCC5
PULLUP
117
VCC5
VCC5
PULLUP
118
VCC5
VCC5
PULLUP
119
VCC5
VCC5
PULLUP
120
VCC5
VCC5
RSVD
134
VCC5
VCC5
RSVD
136
VCC5
VCC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com