Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8224C Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF8224C
Description  Dual-Tone Receiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8224C Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF8224C Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 8Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SM8224C
SEIKO NPC CORPORATION —2
PAD LAYOUT
(Unit:
µm)
PAD NAME and DIMENSIONS
Chip size: 2.32
× 2.73mm
Chip thickness: 300 ± 30µm
PAD size: 80µm
× 80µm
Chip base: VDD level
Pad number
Pad name
Pad dimensions [µm]
XY
1
AGND
731
2574
2
TIP
448
2574
3
RING
205
2330
4
TRQ
205
1947
5
GND
205
1643
6
OSCIN
205
1235
7
OSCOUT
205
789
8
MODE
205
398
9
TEST
451
155
10
DOUT
734
155
11
STR
1585
155
12
DTDET
1817
155
13
CR
2114
451
14
CDET
2114
684
15
VDD
2114
990
16
S1
2114
1644
17
S0
2114
1947
18
DTQ
2114
2330
19
DT2
1896
2574
20
DT1
1613
2574
(0,0)
(2320,2730)
NPC
HB8224C
1
AGND
2
20
19
3
4
5
6
7
8
9
10
12
11
13
15
14
16
17
18
TIP
RING
TRQ
OSCIN
GND
OSCOUT
MODE
TEST
DT2
DT1
DOUT
STR DTDET
CR
CDET
VDD
S1
S0
DTQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com