Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8224C Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF8224C
Description  Dual-Tone Receiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8224C Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF8224C Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 8Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SM8224C
SEIKO NPC CORPORATION —4
PIN DESCRIPTION
Number
Name
I/O
Function
1
AGND
O
Reference voltage output. Internal reference voltage (VDD/2) output level
2
TIP
I
Tip input. Connected to the telephone line through a protection circuit
3
RING
I
Ring input. Connected to the telephone line through a protection circuit
4
TRQ
O
Input-stage amplifier gain-select output. Used to adjust the gain of the input-stage amplifier.
5
GND
–
Ground. Connected to the system ground potential.
6
OSCIN
I
Crystal oscillator input. The crystal oscillator element is connected between this pin and OSCOUT.
7
OSCOUT
O
Crystal oscillator output. The crystal oscillator element is connected between this pin and OSCIN.
8
MODE
I
When MODE is HIGH, and S1 and S0 are both LOW, the device is in power-down state. See table 2.
9
TEST
–
TEST pin. Set OPEN when normal using.
10
DOUT
O
Data output. Demodulated FSK signal output. HIGH level output when CDET goes HIGH.
11
STR
O
Dual-tone confirmation output. Function is selected by S0 and S1. See table 2.
Dual-tone confirmation: Active-LOW output when dual tone detection signal passes through RC time
constant delay circuit.
12
DTDET
O
Dual-tone detector output. HIGH-level output when dual tone is detected.
13
CR
I/O
Dual tone RC time constant circuit connection. The dual tone detection signal passes through the RC
network to generate the STR signal.
14
CDET
O
FSK signal carrier detector output. LOW-level when active carrier is detected.
15
VDD
–
Supply
16
S1
I
Function select bit 1. Selects the device mode in combination with S0 and MODE. See table 2.
17
S0
I
Function select bit 1. Selects the device mode in combination with S1 and MODE. See table 2.
18
DTQ
O
Dual-tone signal input-stage amplifier output. Used to adjust the gain of the input-stage amplifier.
19
DT2
I
Dual-tone signal input-stage operational amplifier inverting input
20
DT1
I
Dual-tone signal input-stage operational amplifier non-inverting input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com