Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8224C Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # CF8224C
Description  Dual-Tone Receiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8224C Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button CF8224C Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 8Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 9Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 10Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SM8224C
SEIKO NPC CORPORATION —9
FUNCTIONAL DESCRIPTION
The SM8224C receiver with caller ID service conforms to the Bellcore standards. It incorporates FSK demod-
ulator and dual-tone detection functions in a single chip. It has a dedicated dual-tone signal input so that the
FSK signal input amplification and dual-tone signal input amplification can be set independently. This allows
systems can be easily constructed that provide pre- and mid-conversation information services.
FSK Demodulator
Calling number identification service is sent as an FSK signal, and the SM8224C FSK demodulator processes
this signal. The FSK signal conforms to the following Bellcore standard.
Note: S1, S0, MODE setting should be used from above combination except Test mode.
Dual Tone Detector
When using mid-conversation information services, 2 mixed signals of 2130Hz and 2750Hz are sent on lines
L1 and L2. The SM8224C detects the 2 signals from the background noise. It uses 2 separate high-order filters
with center frequencies of 2130Hz and 2750Hz to detect the presence of the signal frequencies.
In series with the filters are level detectors. When the input level exceeds the preset rating, the signal is
detected. When the input level is below the rating, the signal is not detected.
If both the 2130Hz and 2750Hz signals are simultaneously detected, DTDET goes HIGH and starts charging
the time constant circuit comprised by an external capacitor and external resistor. When the time constant cir-
cuit voltage rises above a fixed voltage level, STR signal goes LOW to indicate dual tone detection.
Table 1. FSK signal
Parameter
Description
Modulation type
Continuous-phase binary frequency-shift-keying
Logic “1” data (mark)
1200 ± 12 Hz
Logic “0” data (space)
2200 ± 22 Hz
Signal level (mark)
−32 to −12 dBm
Signal level (space)
−36 to −12 dBm
Data transfer rate
1200 ± 12 baud
Table 2. Function select
S1
S0
MODE
Function
STR
LOW
LOW
HIGH
Power-down
HIGH
HIGH
LOW
LOW
Dual-tone detection from DT1/DT21
1. DT1, DT2, DTQ are active in this mode only.
LOW (dual tone confirmation)
LOW
HIGH
LOW
FSK and dual-tone detection from
TIP/RING
LOW (dual tone confirmation)
HIGH
HIGH
LOW
FSK detection from TIP/RING
HIGH
LOW
LOW
LOW
Test mode2
2. Test mode should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com