Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8224C Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF8224C
Description  Dual-Tone Receiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8224C Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF8224C Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 8Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SM8224C
SEIKO NPC CORPORATION —3
BLOCK DIAGRAM
RING
TIP
TRQ
DOUT
Filter
FSK
Demodulator
Carrier
Detector
Detector
Circuit
(2130Hz)
Level
Detector
Detector
Circuit
(2750Hz)
Level
Detector
Time-constant
Circuit
Filter
Filter
(2130Hz)
Filter
(2750Hz)
Output
Circuit
CR
DTDET
CDET
Bias
Circuit
AGND
Crystal
Oscillator
Circuit
OSCIN OSCOUT
MODE
GND
VDD
DT1
DTQ
DT2
STR
Power-down
Circuit
S1 S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com