Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8224C Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # CF8224C
Description  Dual-Tone Receiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8224C Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button CF8224C Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 8Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 9Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 10Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SM8224C
SEIKO NPC CORPORATION —7
Timing Characteristics
FSK decoder
VDD = 2.7 to 5.5V, GND = 0V, fCLK = 3.579545MHz, Ta = −20 to 85°C unless otherwise noted.
Output timing
VDD = 2.7 to 5.5V, GND = 0V, fCLK = 3.579545MHz, Ta = −20 to 85°C, FSK input data = 1200 ± 12 baud
unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Power-down release to start-up time
tDOSC
–5–
ms
Carrier detection ON time
tDAQ
2.5
–
10
ms
Final data to carrier detection OFF
time
tDCH
3–
15
ms
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
STR, DOUT rise time
tr0
–
–
200
ns
STR, DOUT fall time
tf0
–
–
200
ns
Input/output delay
tIDD
Input to DOUT
–
–
5
ms
DOUT data rate
1188
1200
1212
baud



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com