Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8224C Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF8224C
Description  Dual-Tone Receiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8224C Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF8224C Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 8Page - Nippon Precision Circuits Inc CF8224C Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SM8224C
SEIKO NPC CORPORATION —5
SPECIFICATIONS
Absolute Maximum Ratings
GND = 0V
Recommended Operating Conditions
GND = 0V
Electrical Characteristics
VDD = 2.7 to 5.5V, GND = 0V, fCLK = 3.579545MHz, Ta = −20 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to 7.0
V
Input voltage range
VIN
−0.3 to VDD + 0.3
V
Power dissipation
PD
100
mW
Storage temperature range
Tstg
−55 to 155
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
2.7
–
5.5
V
Clock frequency
fCLK
–
3.579545
–
MHz
Clock frequency accuracy
∆fC
−0.1
–
+0.1
%
Operating temperature
Topr
−20
–
85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply current consumption
IDD
No analog signal input, no output
load, S1 = 0V, S0 = VDD, MODE = 0V
–
–
8.0
mA
Power-down current
IDPD
No analog signal input, other inputs =
VDD or 0V, no output load, S1 = 0V,
S0 = 0V, MODE = VDD
–
–
15
µA
MODE, S0, S1 LOW-level input
voltage
VIL1
–
–
0.3VDD
V
MODE, S0, S1 HIGH-level input
voltage
VIH1
0.7VDD
––
V
OSCIN LOW-level input voltage
VIL2
–
–
0.3VDD
V
OSCIN HIGH-level input voltage
VIH2
0.7VDD
––
V
DOUT, STR, DTDET, CR, CDET
LOW-level output current
IOL
2––
mA
DOUT, STR, DTDET, CR, CDET
HIGH-level output current
IOH
––
−0.8
mA
TIP, RING, DT1, DT2, MODE, S1, S0
input leakage current
IIN
−1–
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com