Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 108 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 108 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 109Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 110Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 111Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 112Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 716 page
background image
Chapter 6 Clocks
6-4
Table 6.1.2 Relationship Among Different Clock Frequencies (for TMPR4938XBG-300, CPUCLK = 266 MHz)
Master Clock (Input)
and Boot Configured
Settings
Internal Clock
External Clock (Output)
SYSCLK (MHz)
PCICLK[5:0] (MHz) †
Boot Configured Settings
PCIDIVMODE[2:0]
CCFG Settings
PCIDIVMODE[2:0]
MASTERCLK
(MHz)
Boot
Configured
Setting
ADDR[3:0]
CPUCLK
(MHz)
GBUSCLK
(MHz)
IMBUSCLK
(MHz)
SDCLK
[3:0]
(MHz)
HH
(1/1)
HL
(1/2)
LH
(1/3)
LL
(1/4)
LLH
(1/4)
LHH
(1/4.5)
HLH
(1/5)
HHH
(1/5.5)
LLL
(1/8)
LHL
(1/9)
HLL
(1/10)
HHL
(1/11)
133
HHHH (×2.0)
33.3
HLHH (×8.0)
133
66
133
133
66 44.3 33.3
106.4
HHHL (×2.5)
26.6
HLHL (×10.0)
106.4
53
106.4 106.4
53 35.5 26.6
88.7
HHLH (×3.0)
22.2
HLLH (×12.0)
88.7
44
88.7
88.7
44.3 29.6 22.2
66.5
HHLL (×4.0)
16.6
HLLL (×16.0)
66.5
33.2
66.5
66.5
33.3 22.2 16.6
59.1
LHHH (×4.5)
14.8
LLHH (×18.0)
266
59.1
29.6
59.1
59.1
29.6 19.7 14.8
66.5
59.1
53.2
48.4
33.3 29.6 26.6 24.2
† The CCFG.PCIDIVMODE[2:1] field is setting by the boot configuration ADDR[11:10].
Table 6.1.3 Relationship Among Different Clock Frequencies (for TMPR4938XBG-300, CPUCLK = 300 MHz)
Master Clock (Input)
and Boot Configured
Settings
Internal Clock
External Clock (Output)
SYSCLK (MHz)
PCICLK[5:0] (MHz) †
Boot Configured Settings
PCIDIVMODE[2:0]
CCFG Settings
PCIDIVMODE[2:0]
MASTERCLK
(MHz)
Boot
Configured
Setting
ADDR[3:0]
CPUCLK
(MHz)
GBUSCLK
(MHz)
IMBUSCLK
(MHz)
SDCLK
[3:0]
(MHz)
HH
(1/1)
HL
(1/2)
LH
(1/3)
LL
(1/4)
LLH
(1/4)
LHH
(1/4.5)
HLH
(1/5)
HHH
(1/5.5)
LLL
(1/8)
LHL
(1/9)
HLL
(1/10)
HHL
(1/11)
-
HHHH(x2.0)
-
HLHH(x8.0)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
120
HHHL (x2.5)
30
HLHL (x10.0)
120
60
120
120
60
40
30
100
HHLH (x3.0)
25
HLLH (x12.0)
100
50
100
100
50
33
25
75
HHLL (x4.0)
18
HLLL (x16.0)
75
37
75
75
37
25
18
66
LHHH(x4.5)
16
LLHH (x18.0)
300
66
33
66
66
33
22
16
75
66
60
54
37
33
30
27
† The CCFG.PCIDIVMODE[2:1] field is setting by the boot configuration ADDR[11:10].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com