Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 188 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 188 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 716 page
background image
Chapter 8 DMA Controller
8-14
Figure 8.3.3 Dual Address Burst Transfer (DMCCRn.USEXFSZ
= 1)
Figure 8.3.4 shows Dual Address Burst transfer when the Transfer Size Mode bit
(DMCCRn.USEXFSZ) is set to “0”, the lower 8 bits of the Transfer Start address for the transfer
source are set to 0xA8, the lower 8 bits of the Transfer Start address for the transfer destination are
set to (a) 0x28/(b) 0x30, and the Transfer Setting Size (DMCCRn.XFSZ) is set to 8 double words.
Panel (a) of this figure shows when the address offset is equivalent. In this case, first transfer of
three double words is performed up to the address that is aligned with the transfer setting size.
Then, transfer of eight double words that is specified by the transfer setting size is repeated.
On the other hand, panel (b) show when the address offset is not equivalent. In this case, first
only data up to the address that is aligned with the transfer setting size is read to the on-chip FIFO.
Then, data is written up to the address that is aligned with the transfer setting size as long as data
remains in the on-chip FIFO. Efficiency decreases since the transfer size is divided. Also, since
data may remain in the on-chip FIFO, Burst transfer of a Dual Address that uses the on-chip FIFO
simultaneously with another channel cannot be performed.
Using the Burst Inhibit bit makes it possible to mix Burst transfer with 8-Double-Word Single
transfer. This in turn makes it possible to perform Burst access only for memory access during
DMA transfer with external I/O devices that cannot perform Burst transfer.
When the Source Burst Inhibit bit (DMCCRn.SBINH) is set, data read from the Source Address
to the on-chip FIFO is divided into multiple 8-byte Single Read transfers, then transfer is
executed.
a0
a8
b0
b8
c8
d0
d8
c0
e8
f0
f8
e0
00
08
10
18
28
30
38
20
63
0
20
28
30
38
48
50
58
40
68
70
78
60
80
88
90
98
a8
b0
b8
a0
63
0
Source Address
FIFO (8 Double Words)
Destination Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com