Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 185 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 185 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 189Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 716 page
background image
Chapter 8 DMA Controller
8-11
8.3.7.2
Burst Transfer During Single Address Transfer
According to the SDRAM Controller and External Bus Controller specifications, the DMA
Controller cannot perform Burst transfer that spans across 32-double word boundaries.
Consequently, if the address that starts DMA transfer is not a multiple of the transfer setting size
(DMCCRn.XFSZ) (is not aligned), transfer cannot be performed by any of the transfer sizes that
were specified by a Burst transfer. Therefore, the DMA Controller executes multiple Burst
transactions of a transfer size smaller than the specified transfer size. This division method
changes according to the seting of the Transfer Size Mode bit (DMCCRn.USEXFSZ) of the DMA
Channel Control Register.
Figure 8.3.2 shows the Single Address Burst transfer status when the lower 8 bits of the
Transfer Start address are 0xA8 and the transfer setting size (DMCCRn.XFSZ) is set to 4 double
words.
Panel (a) of this figure shows the situation when the Transfer Size Mode bit
(DMCCRn.USEXFSZ) is “0”. In this case, first a three-double word transfer is performed up to
the address aligned to the transfer setting size. Then, four-double word transfer specified by the
transfer setting size is repeated. This setting is normally used.
On the other hand, panel (b) shows when the Transfer Size Mode bit (DMCCRn.USEXFSWZ)
is “1”. In this case, transfer is repeated according to the transfer setting size. Three-double word
transfer and one-double word transfer is only performed consecutively without releasing bus
ownership when transfer spans across a 32-double word boundary.
(a) DMCCRn.USEXFSZ
= “0”
(b) DMCCRn.USEXFSZ
= “1”
Figure 8.3.2 Non-aligned Single Address Burst Transfer
a0
a8
b0
b8
c8
d0
d8
c0
e8
f0
f8
e0
00
08
10
18
28
30
38
20
48
50
58
40
60
3 Double Words
4 Double Words
4 Double Words
4 Double Words
4 Double Words
4 Double Words
DMCCRn.XFER
= 4
32 Double Word Boundary
63
0
a0
a8
b0
b8
c8
d0
d8
c0
e8
f0
f8
e0
00
08
10
18
28
30
38
20
48
50
58
40
60
4 Double Words
4 Double Words
(3
+ 1) Double Words
4 Double Words
4 Double Words
DMCCRn.XFER
= 4
63
0
4 Double Words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com