Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 716 page
background image
Chapter 8 DMA Controller
8-12
8.3.8
Dual Address Transfer
This section explains the register settings for Dual Address transfer (DMCCRn.SNGAD = 0). This
applies to the following DMA transfer modes.
•
External I/O (Dual Address) transfer
•
Internal I/O DMA transfer
•
Memory-Memory Copy transfer
8.3.8.1
Channel Register Settings During Dual Address Transfer
Table 8.3.3 shows restrictions of the Channel Register settings during Dual Address transfer. If
these restrictions are not met, then a Configuration Error is detected, the Configuration Error bit
(CFERR) of the DMA Channel Status Register (DMCSRn) is set, and DMA transfer is not
performed.
If the setting of the DMA Source Address Increment Register (DMSAIRn) is negative and the
transfer setting size is 8 bytes or larger, then a value will be set in the DMA Source Address
Register (DMSARn) that reflects as follows.
If the setting of the DMA Source Address Increment Register (DMSAIRn) is negative and the
transfer size is 2 bytes or larger, set the DMA Source Address Register (DMSARn) as follows:
•
If the transfer size is 2 bytes, set the DMSARn with the low-order 1 bit complemented.
•
If the transfer size is 4 bytes, set the DMSARn with the low-order 2 bits complemented.
•
If the transfer size is 8 bytes or larger, set the DMSARn with the low-order 3 bits
complemented.
Likewise, if the setting of the DMA Destination Address Increment Register (DMDAIRn) is
negative and the transfer size is 2 bytes or larger, set the DMA Destination Address Register
(DMDARn) as follows:
•
If the transfer size is 2 bytes, set the DMDARn with the low-order 1 bit complemented.
•
If the transfer size is 4 bytes, set the DMDARn with the low-order 2 bits complemented.
•
If the transfer size is 8 bytes or larger, set the DMDARn with the low-order 3 bits
complemented.
Example: When the transfer address is 0x0_0001_0000, the DMA Source Address
Register (DMSARn) is as follows below.
•
DMSAIRn setting is “0” or greater: 0x0_0001_0000
•
DMSAIRn setting is a negative value: 0x0_0001_0007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com