Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 182 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 182 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 186Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 716 page
background image
Chapter 8 DMA Controller
8-8
When the Chain End bit (CHDN) is cleared, the DMADONE* signal is asserted when the
DMAACK[n] signal for the last data transfer in a DMA transfer specified by the current DMA
Channel Register is asserted. Namely, if the Link List Command chain is used, there is one
assertion at the end of each data transfer specified by each Descriptor.
If the DMADONE* signal is set to be used as an input signal (DMCCRn.DNCTRL = 01/11),
DMA transfer can be set to end normally when the external device asserts the DMADONE* signal
when the DMAACK[n] signal of channel n is asserted. DMADONE* is asserted during
DMAACK[n] is not asserted, then unexpected operation occurs. When DMA transfer is
terminated by the DMADONE* assertion of the external device, the External DONE Assert bit
(DMCSRn.EXTDN) of the DMA Channel Status Register is set regardless of the setting of the
Chain End bit (CHDN) of the DMA Channel Control Register (DMCCRn). Operation is as
follows depending on the setting of the Chain End bit (CHDN).
When the Chain End bit (CHDN) is set, all DMA transfer for that chain is terminated. At this
time, the Normal Chain End bit (NCHNC) and the Normal Transfer End bit (NTRNFC) of the
DMA Channel Status Register are both set and the Transfer Active bit (DMCCRn.XFACT) of the
DMA Channel Control Register is cleared.
When the Chain End bit (CHDN) is cleared, only DMA transfer specified by the current DMA
Channel Register ends normally, and only the Normal Transfer End bit (NTRNFC) is set. When
the Chain Enable bit (CHNEN) of the DMA Channel Control Register (DMCCRn) is set, chain
transfer is executed and DMA transfer continues. When the Chain Enable bit (CHNEN) is cleared,
the Transfer Active bit (DMCCRn.XFACT) is cleared and the Normal Chain End bit (NCHNC) is
set.
Three clock cycles are required from external assertion of the DMADONE* signal to disabling
of new DMA access. Operation will not stop even if the bus operation in progress is a Single
transfer or a Burst transfer. For example, if the DMADONE* signal is asserted during Read
operation of Dual Address transfer, the corresponding Write bus operation will also be executed.
If the DMADONE* pin is set to become both input and output for channel n
(DMCCRn.DNCTRL = “11”), the DMADONE* signal becomes an open drain signal when the
channel becomes active. When used by this mode, the DMADONE* signal must be pulled up by
an external source. When in this mode, the External DONE Assert bit (DMCSRn.EXTDN) is not
only set when asserted by an external device, but is also set when asserted by the TX4938.
8.3.4
Internal I/O DMA Transfer Mode
Performs DMA with the on-chip Serial I/O Controller and the AC-link Controller. Set the DMA
Channel Control Register (DMCCRn) as follows.
•
DMCCRn.EXTRQ
= 1: I/O DMA Transfer mode
•
DMCCRn.SNGAD
= 0: Dual Address Transfer
Refer to “8.3.8 Dual Address Transfer” and “11.3.6 DMA transfer (Serial I/O Controller)” or
“14.3.6.4 DMA operation (AC-link Controller) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com