Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 205 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 205 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 201Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 202Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 203Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 204Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 205Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 206Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 207Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 208Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 209Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 716 page
background image
Chapter 8 DMA Controller
8-31
8.4.3
DMA Channel Status Register (DM0CSRn, DM1CSRn))
Offset Address: DMAC0 0xB038 (ch. 0) / 0xB078 (ch. 1) / 0xB0B8 (ch. 2) / 0xB0F8 (ch. 3)
DMAC1 0xB838 (ch. 0) / 0xB878 (ch. 1) / 0xB8B8 (ch. 2) / 0xB8F8 (ch. 3)
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
16
WAITC
R
: Type
0x0000
: Initial value
15
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CHNEN STLXFER XFACT ABCHC NCHNC NTRNFC EXTDN CFERR CHERR DESERR SORERR
R
R/W1C
R
R
R/W1C R/W1C R/W1C R/W1C R/W1C R/W1C R/W1C : Type
0
0
0
0
0
0
0
0
0
0
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:32
Reserved
⎯
31:16
WAITC
Wait Counter
Wait Counter (Default: 0x0000)
This is a diagnostic function.
• I/O DMA transfer mode (DMCCRn.EXTRQ = “1”)
This counter is decremented by 1 at each 64 G-Bus cycles. After channel n
releases bus ownership, this counter sets the default (the value that is the
detection interval clock cycle count set by the Transfer Stall Detection
Interval field (DMCCRn.STLTIME) divided by 64). The Transfer Stall
Detect bit (DMCSRn.STLXFER) is set when the interval during which bus
ownership is not held reaches the set clock cycle. The counter is reset to
the default and stops counting. Clearing the Transfer Stall Detect bit
(DMCSRn.STLXFER) resumes the count and starts stall detection.
• Memory transfer mode (DMCCRn.EXTRQ = “0”)
This counter is decremented by 1 at each G-Bus cycle. After bus
ownership is released, the counter is set to the delay clock cycle count set
by the Internal Request Delay field (DMCCRn.INTRQD). When the counter
reaches “0” the count stops and channel n requests bus ownership.
R
15:11
Reserved
⎯
10
CHNEN
Chain Enable
Chain Enable (Default: 0)
This value is a copy of the Chain Enable bit (CHNEN) of the DMA Channel
Control Register (DMCCRn).
R
9
STLXFER
Transfer Stall
Detect
Stalled Transfer Detect (Default: 0)
This bit indicates whether the interval during which bus ownership is not
held exceeds the value set by the Transfer Stall Detect Interval field
(DMCCRn.STLTIME) after bus ownership is released when in the I/O DMA
transfer mode.
1: Indicates that the interval during which bus ownership was not held
exceeds the DMCCRn.STLTIME setting.
0: The interval during which bus ownership was not held did not exceed
the setting since this bit was last cleared.
R/W1C
Figure 8.4.3 DMA Channel Status Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com