Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 206 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 206 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 202Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 203Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 204Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 205Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 206Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 207Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 208Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 209Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 210Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 716 page
background image
Chapter 8 DMA Controller
8-32
Bit
Mnemonic
Field Name
Description
Read/Write
8
XFACT
Transfer Active
Transfer Active (Default: 0)
This value is a copy of the Transfer Active bit (XFACT) of the DMA
Channel Control Register (DMCCRn).
R
7
ABCHC
Error Complete
Error Completion (Default: 0)
This bit indicates whether an error occurred during DMA transfer. This bit
indicates the logical sum of the four error bits (CFERR, CHERR, DESERR,
SORERR) in DMCSRn[3:0].
1: DMA transfer ends due to an error.
0: No error occurred since this bit was last cleared.
R
6
NCHNC
Chain Complete
Normal Chain Completion (Default: 0)
When performing chain DMA transfer, This bit indicates whether all DMA
data transfers in the DMA Descriptor chain are complete.
1: All DMA data transfers in the DMA Descriptor chain ended normally. Or,
DMA transfer that did not use a DMA Descriptor chain ended normally.
0: DMA transfer has not ended normally since this bit was last cleared.
R/W1C
5
NTRNFC
Transfer
Complete
Normal Transfer Completion (Default: 0)
This bit indicates whether DMA transfer ended according to the current
DMA Channel Register setting.
1: DMA transfer ended normally.
0: DMA transfer has not ended since this bit was last cleared.
R/W1C
4
EXTDN
External DONE
Asserted
External Done Asserted (Default: 0)
This bit indicates whether an external I/O device asserted the DMADONE*
signal. When the DMADONE* signal is set to bidirectional, this bit is also
set when the TX4938 asserts the DMADONE* signal.
1: DMADONE* signal was asserted.
0: DMADONE* signal was not asserted.
R/W1C
3
CFERR
Configuration
Error
Configuration Error (Default: 0)
Indicates whether an illegal register setting was made.
1: There was a configuration error.
0: There was no configuration error.
R/W1C
2
CHERR
Chain Bus Error
Chain Bus Error (Default: 0)
This bit indicates whether a bus error occurred while reading a DMA
Command Descriptor.
1: Bus error occurred.
0: No bus error occurred.
R/W1C
1
DESERR
Destination Error
Destination Bus Error (Default: 0)
This bit indicates whether a bus error occurred during a destination bus
Write operation (a Write to a set DMDARn address).
1: Bus error occurred.
0: No bus error occurred.
R/W1C
0
SORERR
Source Bus Error
Source Bus Error (Default: 0)
This bit indicates whether a bus error occurred during either a source bus
Read or Write operation (A Read or Write to a set DMSARn address).
1: Bus error occurred.
0: No bus error occurred.
R/W1C
Figure 8.4.3 DMA Channel Status Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com