Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 283 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 283 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 287Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 716 page
background image
Chapter 10 PCI Controller
10-7
The Memory Read command is issued if these conditions are not met, namely, if “0” is set to
the Cache Line Size field (PCICFG1.CLS) of the PCI Configuration 1 Register. In the case of the
target, a normal G-Bus cycle is issued to the address mapped from the PCI Bus to the G-Bus.
•
Memory Write and Invalidate
When the TX4938 operates as the initiator, the PCI Controller is sue the Memory Write and
Invalidate command if all of the folllowing conditions are met when write access from the G-Bus
to the PCI Bus occurs.
(1) The Memory Write and Invalidate Enable bit (PCISTATUS.MWIEN) of the PCI Status
Command Register is set.
(2) A value other than “0” was set to the Cache Line Size field (PCICFG1.CLS) of the PCI
Configuration 1 Register.
(3) The word count of the Write data is equal to or larger than the value set in the Cache Line
Size field.
The Memory Write command is issued in these conditions are not met.
When the TX4938 operates as the target, the Memory Write and Invalidate command is
converted into G-Bus Write access. Note that the TX4938 does nto support the cache memory
Snoop function.
•
Dual address cycle
When the TX4938 operates as the initiator, the PCI Controller executes dual access cycles if the
PCI Bus address exceeds 0x00_FFFF_FFFF.
When the TX4938 operates as the target, normal G-Bus cycles are executed to the address
mapped from the PCI Bus to the G-Bus.
•
Configuration Read, Configuration Write
These commands only issue configuration cycles as the when in the Host mode.
The corresponding configuration cycles are issued on the PCI Bus. This is done by either
reading or writing from/to the G2P Configuration Data Register (G2PCFGDATA) after writing the
configuration space address to the G2P Configuration Address Register. The TX4938 supports both
“Type 0” and “Type 1” configuration transactions.
On systems that have PCI card slots, the PCI Host device checks each PCI card slot during
system initialization to see if PCI device exist, then set the Configuration Space Register of the
devices that do exist. If a PCI Configuration Read operation is performed for devices that do not
exist, then by default a Bus Error exception will be generated since there is no PCI Bus response.
Clearing the Bus Error Response During Initiator Read bit (PCICFG.IRBER) of the PCI Controller
Configuration Register makes it possible to execute a Read transaction without causing a Bus
Error. All bits of the data read at this time will be set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com