Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 284 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 284 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 288Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 716 page
background image
Chapter 10 PCI Controller
10-8
Configuration cycles will be accepted as the target only when in the Satellite mode. After reset,
Retry response to PCI Configuration access will continue until the software sets the Target
Configuration Access Ready Bit (PCICFG.TCAR) of the PCI Controller Configuration Register.
Please use the software to set this bit after the software initialization process ends and the software
is ready to accept PCI configuration.
•
Interrupt Acknowledge
This command issues interrupt acknowledge cycles as an initiator only when in the Host mode.
Interrupt acknowledge cycles are executed on the PCI Bus when the G2P Interrupt Acknowledge
Data Register (G2PINTACK) is read. The value returned by this Read becomes the interrupt
acknowledge cycle data.
The TX4938 does not support interrupt acknowledge cycles as the target.
•
Special Cycle
This command issues specialy cycles as the initiator only when in the Host mode. This
command issues special cycles on the PCI Bus when writing to the G2P Special Cycle Data
Register (G2PSPC). The written value is output as the special cycle data.
The TX4938 does not support special cycles as the target.
10.3.4 Initiator Access (G-Bus
→ PCI Bus Address Conversion)
During PCI initiator access, the G-Bus address of the Burst transaction issued by the G-Bus that was
converted into the PCI Bus address is used to issue a Burst transaction on the PCI Bus. 36-bit physical
address (G-Bus addresses) are used on the G-Bus. Also, 40-bit PCI Bus addresses are used on the PCI
Bus.
Three memory access windows and one I/O access window can be set in the G-Bus space (Figure
10.3.3). The size of each window is variable. When Burst transactions are issued to these access
windows on the G-Bus, then that G-Bus address is converted into a PCI Bus address that is used to issue
a Burst transaction to the PCI Bus as the initiator. PCI memory access is issued when the access
window is the memory access window. PCI I/O access is issued when the access window is the I/O
access window. Dual access cycles are also issued to the PCI Bus when the PCI Bus address exceeds
0x00_FFFF_FFFF.
Figure 10.3.3 Initiator Access Memory Window
0x00_0000_0000
0xFF_FFFF_FFFF
0x0_0000_0000
0x00_0000_0000
0xFF_FFFF_FFFF
0xF_FFFF_FFFF
PCI I/O Space
G-Bus Space
PCI Memory Space
Memory Access Window
I/O Access Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com