Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 287 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 287 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 291Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 716 page
background image
Chapter 10 PCI Controller
10-11
When expressed as a formula, conversion of a PCI Bus Address (PCIAddr[39:0]) into a G-Bus
address (GBusAddr[35:0]) is as follows below. GBASE[35:8], and PBASE[39:8] each represent the
setting register of the corresponding access window indicated below in Table 10.3.4. The “&” symbol
indicates a logical AND for each bit, and “|” indicates bit linking.
Memory space 0
If (PCIAddr[39:29] == P2GM0PUBASE.BA[39:32] | P2GM0PLBASE.BA[31:29] then
GBusAddr[35:0] = P2GM0GBASE[35:29] | PCIAddr[28:0];
Memory space 1
If (PCIAddr[39:24] == P2GM1PUBASE.BA[39:32] | P2GM1PLBASE.BA[31:24] then
GBusAddr[35:0] = P2GM1GBASE[35:24] | PCIAddr[23:0];
Memory space 2
If (PCIAddr[31:20] == P2GM2PBASE.BA[31:20]) then
GBusAddr[35:0] = P2GM2GBASE[35:20] | PCIAddr[19:0];
I/O space
If (PCIAddr[31:8] == P2GIOPBASE.BA[31:8]) then
GBusAddr[35:0] = P2GIOGBASE[35:8] | PCIAddr[7:0];
Table 10.3.4 Target Access Space Address Mapping Register
Space
Size
PCI
Address
PCI Bus Base Address PBASE
G-Bus Base Address
GBASE
Memory Space 0 512 MB
40-bit
P2GM0PUBASE.BA[39:32] | P2GM0PLBASE.BA[31:29]
P2GM0GBASE.BA[35:29]
Memory Space 1 16 MB
40-bit
P2GM1PUBASE.BA[39:32] | P2GM1PLBASE.BA[31:24]
P2GM1GBASE.BA[35:24]
Memory Space 2 1 MB
32-bit
P2GM2PBASE.BA[31:20]
P2GM2GBASE.BA[35:20]
I/O Space
256 B
32-bit
P2GIOPBASE.BA[31:8]
P2GIOGBASE.BA[35:8]
Figure 10.3.6 illustrates this address conversion.
n
= 29 Memory Space 0
n
= 24 Memory Space 1
n
= 20 Memory Space 2
n
= 8 I/O Space
Figure 10.3.6 Address Conversion for Target (PCI Bus (PCI Bus → G-Bus Address Conversion)
0
Compare
GBASE
0
35
GBusAddr
0
39/32
PCIAddr
nn
−1
39/32
n n
−1
nn
−1
0
35
n n
−1
PBASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com