Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4951B Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 35Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 36Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 37Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 38Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 39Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 40Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 41Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 42Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 256 page
background image
Handling Precautions
27
(6) With tape carrier package (TCPs) devices, the backside of the LSI chips is exposed. To ensure that the chip
will not crack, mount the device so that mechanical shock is not applied to the LSI backside. In addition,
electrical contact may also cause LSI failure. Mount the device so that there is no electrical contact with the
backside of the LSI chip.
If you are mounting the backside of the LSI chip to improve device characteristics, please contact your
nearest Toshiba office or distributor in advance.
3.5.7
Chips Mounting
Devices delivered in chip form readily deteriorate or become damaged due to external factors in comparison
with plastic-packaged products. Attention is therefore required during handling.
(1) Mount devices in a properly maintained environment so that the chip will not be exposed to contaminated
ambient air or other substances.
(2) When handling chips, be careful not to expose the chips to static electricity. In particular, measures must be
taken to prevent electrostatic breakdown during chip mounting. For this purpose, it is recommended that
you mount all peripheral devices before you mount the chips.
(3) Use chip mounting circuit boards (such as PCBs) that do not have any chemical residue on them (such as
the chemicals used during PCB etching).
(4) When mounting chips, use the method of assembly that is most suitable for achieving the appropriate
electrical, thermal and mechanical characteristics of the semiconductor product used.
*
For chip details, refer to the relevant specification sheet.
3.5.8
Circuit Board Coating
When using devices that require high reliability or devices used under extreme environments (where moisture,
corrosive gas or dust is present), circuit boards are sometimes coated with a moisture-proof coating. When using
a coating resin, choose the coating resin which results in minimal stress to the device.
3.5.9
Heat Sinks
(1) When installing a heat sink to a device, use the specified accessories. In addition, be careful not to apply
excessive force to the device during installation.
(2) When installing a device to a heat sink by fixing it in two or more locations, do not tighten one location to
the specified torque while the rest are left not tightened. Rather, lightly tighten all locations evenly first and
tighten all locations to the specified torque by rotation.
(3) Drill screw holes in the heat since as specified, and smooth the surface of the
device installation area by removing burrs and protrusions or indentations.
(4) Thinly applying silicone grease between the heat sink makes device better to
improve heat conductivity compared with no grease. If you choose to apply the
silicone grease, use a non-volatile type. Volatile type silicone grease can cause



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com